Electronic Components Datasheet Search
  English  ▼

X  

MAX3752 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3752
Description  2.125Gbps, 3.3V Quad-Port Bypass with Repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3752 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3752 Datasheet HTML 1Page - Maxim Integrated Products MAX3752 Datasheet HTML 2Page - Maxim Integrated Products MAX3752 Datasheet HTML 3Page - Maxim Integrated Products MAX3752 Datasheet HTML 4Page - Maxim Integrated Products MAX3752 Datasheet HTML 5Page - Maxim Integrated Products MAX3752 Datasheet HTML 6Page - Maxim Integrated Products MAX3752 Datasheet HTML 7Page - Maxim Integrated Products MAX3752 Datasheet HTML 8Page - Maxim Integrated Products MAX3752 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2.125Gbps, 3.3V
Quad-Port Bypass with Repeater
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS—MAX3752 Operating at 2.125Gbps
(VCC = +3.0V to +3.6V, TA = 0°C to +70°C. Typical values are at +3.3V, CF = 0.22µF, TA = +25°C, unless otherwise noted.) (Notes 2–7)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Data Rate
2.125
± 100ppm
Gbps
Output Edge Speed
20% to 80%
75
115
160
ps
Pattern = K28.7+, CDR disabled
1.5
Pattern = K28.7+, CDR enabled
2.3
Random Jitter at OUT
±
Pattern = CRPAT, CDR enabled (Note 8)
3.6
psRMS
Pattern = K28.5, CDR disabled
39
82
Pattern = K28.5, CDR enabled
27
47
Deterministic Jitter at OUT
±
Pattern = FC-RPAT, CDR enabled (Note 8, jitter applied)
52
80
psp-p
Pattern = CRPAT, CDR enabled
72
Total Jitter at OUT
±
Pattern = CRPAT, CDR enabled (Note 8, jitter applied)
100
psp-p
f = 85kHz sine wave (Notes 8, 9)
1.5
>4.22
f = 1.27MHz sine wave (Notes 8, 9)
0.1
>0.85
Jitter Tolerance
(BER = 10-12)
f = 10MHz sine wave (Notes 8, 9)
0.1
>0.47
UIp-p
Deterministic Jitter Tolerance
0.38
UIp-p
Total High-Frequency Jitter
Tolerance
BER = 10-12 (Note 10)
0.7
UIp-p
CDR Lock Time
Pattern = CJTPAT
4.4
ms
IN
± to OUT± (ports bypassed, CDR enabled)
10
LINn
± to LOUT(n+1)± (port normal mode)
2
SEL(n) rising edge to data valid at LOUT(n+1)
± or OUT±
(port normal mode)
8
Propagation Delay
SEL(n) falling edge to data valid at LOUT(n+1)
± or OUT±
(port bypass mode)
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com