Electronic Components Datasheet Search
  English  ▼

X  

MAX3760E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3760E/D
Description  622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3760E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3760E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3760E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3760E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3760E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3760E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3760E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3760E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3760E/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
622Mbps, Low-Noise Transimpedance
Preamplifier for LAN and WAN Optical Receivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, COMP = GND, 100Ω load between OUT+ and OUT-, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at VCC = +5.0V, TA = +25°C.) (Note 1)
AC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, COMP = open, CIN = 0.75pF, outputs terminated differentially into 100Ω, 8-pin SO package in MAX3760
EV kit, TA = +25°C, unless otherwise noted. Typical values are at VCC = +5V.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Dice are tested at TA = +25°C.
Note 2: AC characteristics are guaranteed by design and characterization.
Note 3: CIN is the source capacitance presented to the die. Includes package parasitic, photo diode, and parasitic interconnect
capacitance.
Note 4: Input is a 622Mbps 1-0 pattern, signal amplitude = 0 to 1mA, extinction ratio (re) = 10.
Note 5: Measured with a 4-pole, 470MHz Bessel filter.
VCC ........................................................................-0.5V to +7.0V
Continuous Current
IN, FILTER ..........................................................-5mA to +5mA
OUT+, OUT-...................................................-25mA to +25mA
Voltage at INREF ...................................................-0.5V to +0.5V
Voltage at COMP........................................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
SO (derate 5.88mW/°C above +85°C) ..........................383mW
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Operating Junction Temperature Range (die) .....-55°C to +150°C
Processing Temperature (die) .........................................+400°C
Differential output, input <10µA
Input = open
Input = open
IIN = 500µA, COMP = open
IIN = 500µA, total peak-to-peak,
differential signal
CONDITIONS
k
Ω
5.2
6.5
7.8
z21
Small-Signal Transimpedance
mA
20
30
ICC
V
0.8
0.95
VIN
Input Bias Voltage
Supply Current
Ω
800
1000
1200
RFILTER
FILTER Resistance
V
VCC - 2.0
Output Common-Mode Level
mV
-25
25
VOS
Differential Output Offset
Ω
40
50
60
ZOUT
Output Impedance (per side)
mV
550
950
VOUT(MAX)
Maximum Differential
Output Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 4)
20µA average input current
CIN = 0.75pF (Notes 3, 5)
CONDITIONS
ps
75
200
PWD
Pulse-Width Distortion
kHz
50
MHz
455
565
BW
Small-Signal Bandwidth
Low-Frequency Cutoff
73
93.5
nA
in
RMS Noise Referred to Input
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
f < 1MHz, referred to output
dB
20
45
PSRR
Power-Supply Rejection Ratio
200
ps
DDJ
Data-Dependent Jitter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com