Electronic Components Datasheet Search
  English  ▼

X  

9DBU0841 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # 9DBU0841
Description  slew rate for each output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0841 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button 9DBU0841 Datasheet HTML 9Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 10Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 11Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 12Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 13Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 14Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 15Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 16Page - Integrated Circuit Systems 9DBU0841 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
REVISION C 04/22/15
13
8 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHMS
9DBU0841 DATASHEET
Marking Diagrams
Notes:
1. “LOT” is the lot sequence number.
2. “COO” denotes country of origin.
3. YYWW is the last two digits of the year and week that the part was assembled.
4. Line 2: truncated part number
5. “L” denotes RoHS compliant package.
6. “I” denotes industrial temperature range device.
Thermal Characteristics
ICS
DBU0841AL
YYWW
COO
LOT
ICS
BU0841AIL
YYWW
COO
LOT
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS
NOTES
θJC
Junction to Case
33
°C/W
1
θJb
Junction to Base
2.1
°C/W
1
θJA0θ
Junction to Air, still air
37
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
30
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
27
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
26
°C/W
1
1ePad soldered to board
Thermal Resistance
NDG48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com