Electronic Components Datasheet Search
  English  ▼

X  

9DBV0431 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DBV0431
Description  LP-HCSL outputs save 8 resistors; minimal board space and BOM cost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0431 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DBV0431 Datasheet HTML 5Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 6Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 7Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 9Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 10Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 11Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 12Page - Integrated Circuit Systems 9DBV0431 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REVISION C 11/26/14
9
4 O/P 1.8V PCIE GEN1-2-3 ZDB/FOB
9DBV0431 DATASHEET
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
Electrical Characteristics–Phase Jitter Parameters
TA = TCOM or TIND; Supply Voltage per VDD of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
-3dB point in High BW Mode
2
2.7
4
MHz
1,5
-3dB point in Low BW Mode
1
1.4
2
MHz
1,5
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
1.2
2
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50.1
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode @100MHz
-1
-0.1
1
%
1,3
tpdBYP
Bypass Mode, VT = 50%
2550
3370
4200
ps
1
tpdPLL
PLL Mode VT = 50%
0
112
200
ps
1,4
Commercial Operating Range, VT = 50%
33
50
ps
1,4
Industrial Operating Range, VT = 50%
33
55
ps
1,4
PLL mode
13
50
ps
1,2
Additive Jitter in Bypass Mode
0.1
1
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4 All outputs at default slew rate
5 The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
PLL Bandwidth
BW
Skew, Input to Output
Skew, Output to Output
tsk3
Jitter, Cycle to cycle
tjcyc-cyc
TA = TCOM or TIND; Supply Voltage per VDD of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
32
52
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.8
1.4
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.4
2.6
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.5
0.6
1
ps
(rms)
1,2,4
tjphSGMII
125MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
1.9
2.2
3
ps
(rms)
1,6
tjphPCIeG1
PCIe Gen 1
0.1
5.0
N/A
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.2
0.3
N/A
ps
(rms)
1,2,4
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.05
0.1
N/A
ps
(rms)
1,2,4
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.05
0.1
N/A
ps
(rms)
1,2,4
tjphSGMIIM0
125MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
165
200
N/A
fs
(rms)
1,6
tjphSGMIIM1
125MHz, 12kHz to 20MHz, -20dB/decade rollover
< 1.5MHz, -40db/decade rolloff > 10MHz
251
300
N/A
fs
(rms)
1,6
1Guaranteed by design and characterization, not 100% tested in production.
4 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2]
5 Driven by 9FGV0831 or equivalent
6 Driven by Rohde&Schwarz SMA100
Additive Phase Jitter,
Bypass Mode
tjphPCIeG2
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
Phase Jitter, PLL Mode
tjphPCIeG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com