Electronic Components Datasheet Search
  English  ▼

X  

9DBV0741 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # 9DBV0741
Description  Integrated terminations; save 28 resistors compared to standard HCSL outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0741 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button 9DBV0741 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 9Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 10Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 11Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 12Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 13Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 14Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 15Page - Integrated Circuit Systems 9DBV0741 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REVISION A 08/28/14
13
7 O/P 1.8V PCIE GEN1-2-3 FAN-OUT BUFFER W/ZO=100OHMS
9DBV0741 DATASHEET
Marking Diagrams
Notes:
1. “LOT” is the lot sequence number.
2. “COO” denotes country of origin.
3. YYWW is the last two digits of the year and week that the part was assembled.
4. Line 2: truncated part number
5. “L” denotes RoHS compliant package.
6. “I” denotes industrial temperature range device.
Thermal Characteristics
ICS
DBV0741AL
YYWW
COO
LOT
ICS
BV0741AIL
YYWW
COO
LOT
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS NOTES
θJC
Junction to Case
42
°C/W
1
θJb
Junction to Base
2.4
°C/W
1
θJA0
Junction to Air, still air
39
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
33
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
28
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
27
°C/W
1
1ePad soldered to board
Thermal Resistance
NDG40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com