Electronic Components Datasheet Search
  English  ▼

X  

9DBV0831 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DBV0831
Description  62mW typical power consumption in PLL mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0831 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DBV0831 Datasheet HTML 5Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 6Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 7Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 9Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 10Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 11Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 12Page - Integrated Circuit Systems 9DBV0831 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
REVISION G 03/02/15
9
8 O/P 1.8V PCIE GEN1-2-3 ZERO-DELAY/FAN-OUT BUFFER (ZDB/FOB)
9DBV0831 DATASHEET
Electrical Characteristics–Low Power HCSL Outputs
Electrical Characteristics–Current Consumption
TA = TCOM or TIND; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
dV/dt
Scope averaging on, fast setting
1.7
2.7
4
V/ns
1,2,3
dV/dt
Scope averaging on, slow setting
1.2
2.1
3.3
V/ns
1,2,3
Slew rate matching
ΔdV/dt
Slew rate matching, Scope averaging on
4.6
20
%
1,2,4
Voltage High
VHIGH
660
774
850
7
Voltage Low
VLOW
-150
18
150
7
Max Voltage
Vmax
820
1150
7
Min VoltageVmin
-300
-25
7
Vswing
Vswing
Scope averaging off
300
1528
mV
1,2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
413
550
mV
1,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
11
140
mV
1,6
2 Measured from differential waveform
7 At default SMBus settings.
Slew rate
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
TA = TCOM or TIND; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDA
VDDA+VDDR, PLL Mode, @100MHz
11
15
mA
IDD
VDD, All outputs active @100MHz
7
10
mA
IDDO
VDDO, All outputs active @100MHz
28
35
mA
IDDAPD
VDDA+VDDR, PLL Mode, @100MHz
0.6
1
mA
2
IDDPD
VDD, Outputs Low/Low
1
2
mA
2
IDDOPD
VDDO,Outputs Low/Low
0
0.01
mA
2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Input clock stopped.
Operating Supply Current
Powerdown Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com