Electronic Components Datasheet Search
  English  ▼

X  

9DMV0141 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 9DMV0141
Description  1MHz to 200MHz operating frequency
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMV0141 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  9DMV0141 Datasheet HTML 1Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 2Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 3Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 4Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 5Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 6Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 7Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 8Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REVISION B 01/26/15
3
2:1 1.8V PCIE GEN1-2-3 CLOCK MUX W/ZO=100OHMS
9DMV0141 DATASHEET
Test Loads
Driving LVDS
Rs
Rs
Low-Power HCSL Differential Output Test Load
2pF
2pF
5 inches
Zo=100ohm
Device
Rs
Device
Rs
Zo
Driving LVDS
Cc
Cc
R7a
R7b
R8a
R8b
LVDS Clock
input
3.3V
Driving LVDS inputs
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com