Electronic Components Datasheet Search
  English  ▼

X  

9DMV0441 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 9DMV0441
Description  Spread Spectrum Compatible
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMV0441 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  9DMV0441 Datasheet HTML 1Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 2Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 3Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 4Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 5Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 6Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 7Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 8Page - Integrated Circuit Systems 9DMV0441 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REVISION B 01/26/15
3
2:4 1.8V PCIE GEN1-2-3 CLOCK MUX W/ZO=100OHMS
9DMV0441 DATASHEET
Pin Descriptions (cont.)
Pin# Pin Name
Type
Pin Description
16
VDD1.8
PWR
Power supply, nominal 1.8V
17
DIF2
OUT
Differential true clock output
18
DIF2#
OUT
Differential Complementary clock output
19
^OE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
20
DIF3
OUT
Differential true clock output
21
DIF3#
OUT
Differential Complementary clock output
22
^OE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
23
^SEL_A_B#
IN
Input to select differential input clock A or differential input clock B. This input has an internal
pull-up resistor.
0 = Input B selected, 1 = Input A selected.
24
GNDR
GND
Analog Ground pin for the differential input (receiver)
25
EPAD
GND
Connect to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com