Electronic Components Datasheet Search
  English  ▼

X  

82P33731 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 82P33731
Description  Composite clock inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33731 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  82P33731 Datasheet HTML 1Page - Integrated Circuit Systems 82P33731 Datasheet HTML 2Page - Integrated Circuit Systems 82P33731 Datasheet HTML 3Page - Integrated Circuit Systems 82P33731 Datasheet HTML 4Page - Integrated Circuit Systems 82P33731 Datasheet HTML 5Page - Integrated Circuit Systems 82P33731 Datasheet HTML 6Page - Integrated Circuit Systems 82P33731 Datasheet HTML 7Page - Integrated Circuit Systems 82P33731 Datasheet HTML 8Page - Integrated Circuit Systems 82P33731 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SHORT FORM DATA SHEET
82P33731 REVISION 1 10/20/14
1
©2014 Integrated Device Technology, Inc.
Synchronous Equipment Timing Source for
10G/ 40G Synchronous Ethernet
82P33731
HIGHLIGHTS
•
Synchronous Equipment Timing Source (SETS) for Synchronous
Ethernet (SyncE) per ITU-T G.8264
•
DPLL1 generates ITU-T G.8262 compliant SyncE clocks, Telcordia
GR-1244-CORE/GR-253-CORE, and ITU-T G.813 compliant
SONET/SDH clocks
•
DPLL2 performs rate conversions for synchronization interfaces or
for other general purpose timing applications
•
APLL3 is Voltage Controlled Crystal Oscillator (VCXO) based and
generates clocks with jitter <0.3 ps RMS (10 kHz to 20 MHz) for:
10GBASE-R, 10GBASE-W and 40GBASE-R
•
APLL1 and APLL2 generate clocks with jitter < 1 ps RMS (12 kHz to
20 MHz) for: 1000BASE-T and 1000BASE-X
•
Fractional-N input dividers support a wide range of reference fre-
quencies
•
Locks to 1 Pulse Per Second (PPS) references
•
DPLLs, APLL1 and APLL2 can be configured from an external
EEPROM after reset
FEATURES
•
Composite clock inputs (IN1 and IN2) accept 64 kHz synchronization
interface signals per ITU-T G.703
•
Differential reference inputs (IN3 to IN8) accept clock frequencies
between 1 PPS and 650 MHz
•
Single ended inputs (IN9 to IN14) accept reference clock frequencies
between 1 PPS and 162.5 MHz
•
Loss of Signal (LOS) pins (LOS0 to LOS3) can be assigned to any
clock reference input
•
Reference monitors qualify/disqualify references depending on activ-
ity, frequency and LOS pins
•
Automatic reference selection state machines select the active refer-
ence for each DPLL based on the reference monitors, priority tables,
revertive and non-revertive settings and other programmable settings
•
Fractional-N input dividers enable the DPLLs to lock to a wide range
of reference clock frequencies including: 10/100/1000 Ethernet, 10G
Ethernet, OTN, SONET/SDH, PDH, TDM, GSM, CPRI, and GNSS
frequencies
•
Any reference inputs (IN3 to IN14) can be designated as external
sync pulse inputs (1 PPS, 2 kHz, 4 kHz or 8 kHz) associated with a
selectable reference clock input
•
FRSYNC_8K_1PPS and MFRSYNC_2K_1PPS output sync pulses
that are aligned with the selected external input sync pulse input and
frequency locked to the associated reference clock input
•
DPLL1 can be configured with bandwidths between 0.09 mHz and
567 Hz
•
DPLL1 locks to input references with frequencies between 1 PPS and
650 MHz
•
DPLL2 locks to input references with frequencies between 8 kHz and
650 MHz
•
DPLL1 complies with ITU-T G.8262 for Synchronous Ethernet Equip-
ment Clock (EEC), and G.813 for Synchronous Equipment Clock
(SEC); and Telcordia GR-253-CORE/ GR-1244-CORE for Stratum 3
and SONET Minimum Clock (SMC)
•
DPLL1 generates clocks with PDH, TDM, GSM, CPRI/OBSAI, 10/
100/1000 Ethernet and GNSS frequencies; these clocks are directly
available on OUT1
•
DPLL2 generates N x 8 kHz clocks up to 100 MHz that are output on
OUT9 and OUT10
•
APLL1, APLL2 and APLL3 are connected to DPLL1
•
APLL1 and APLL2 generate 10/100/1000 Ethernet, 10G Ethernet, or
SONET/SDH frequencies
•
APLL3 generates 10G Ethernet, WAN-PHY, and LAN-PHY frequen-
cies
•
Any of eight common TCXO/OCXO frequencies can be used for the
System Clock: 10 MHz, 12.8 MHz, 13 MHz, 19.44 MHz, 20 MHz,
24.576 MHz, 25 MHz or 30.72 MHz
•
The I2C slave interface can be used by a host processor to access
the control and status registers
•
The I2C master interface can automatically load a device configura-
tion from an external EEPROM after reset; APLL3 must be config-
ured via the I2C slave interface
•
DPLLs can be connected to an internal composite clock generator
that outputs its 64 kHz synchronization signal on OUT8
•
Differential outputs OUT3 to OUT6 output clocks with frequencies
between 1 PPS and 650 MHz
•
Differential outputs OUT11 and OUT12 output clocks with frequen-
cies up to 650 MHz
•
Single ended outputs OUT1, OUT2 and OUT7 output clocks with fre-
quencies between 1 PPS and 125 MHz
•
Single ended outputs OUT9 and OUT10 output clocks N*8 kHz multi-
ples up to 100 MHz
•
DPLL1 supports independent programmable delays for each of IN3
to IN14; the delay for each input is programmable in steps of 0.61 ns
with a range of ~±78 ns
•
The input to output phase delay of DPLL1 is programmable in steps
of 0.0745 ps with a total range of ±20
μs
•
The clock phase of each of the output dividers for OUT1 (from
APLL1) to OUT7 is individually programmable in steps of ~200 ps
with a total range of +/-180°
•
1149.1 JTAG Boundary Scan
•
144-pin CABGA green package
APPLICATIONS
•
Access routers, edge routers, core routers
•
Carrier Ethernet switches
•
Multiservice access platforms
•PON OLT
•
LTE eNodeB
•
ITU-T G.8264 Synchronous Equipment Timing Source (SETS)
•
ITU-T G.8262 Synchronous Ethernet Equipment Clock (EEC)
•
ITU-T G.813 Synchronous Equipment Clock (SEC)
•
Telcordia GR-253-CORE/GR1244-CORE Stratum 3 Clock (S3) and
SONET Minimum Clock (SMC)


Similar Part No. - 82P33731

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
82P33731 IDT-82P33731 Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
logo
Renesas Technology Corp
82P33731 RENESAS-82P33731 Datasheet
1Mb / 66P
Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet
August 28, 2017
logo
Integrated Device Techn...
82P33731ABAG IDT-82P33731ABAG Datasheet
886Kb / 68P
Synchronous Equipment Timing Source for 10G/ 40G/ 100G Synchronous Ethernet
82P33731ABAG IDT-82P33731ABAG Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
More results

Similar Description - 82P33731

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108DJBG ELPIDA-EDJ1108DJBG Datasheet
448Kb / 33P
Differential clock inputs
EDJ1108EJBG ELPIDA-EDJ1108EJBG Datasheet
525Kb / 32P
Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
Differential clock inputs
EDJ2108EDBG ELPIDA-EDJ2108EDBG Datasheet
1Mb / 150P
Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
Differential clock inputs
EDJ4204BFBG ELPIDA-EDJ4204BFBG Datasheet
526Kb / 32P
Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
Differential clock inputs
logo
Integrated Device Techn...
82P33810 IDT-82P33810 Datasheet
226Kb / 13P
Composite clock inputs
82P33831 IDT-82P33831 Datasheet
225Kb / 13P
Composite clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com