Electronic Components Datasheet Search
  English  ▼

X  

MAX382 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX382
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX382 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX382 Datasheet HTML 1Page - Maxim Integrated Products MAX382 Datasheet HTML 2Page - Maxim Integrated Products MAX382 Datasheet HTML 3Page - Maxim Integrated Products MAX382 Datasheet HTML 4Page - Maxim Integrated Products MAX382 Datasheet HTML 5Page - Maxim Integrated Products MAX382 Datasheet HTML 6Page - Maxim Integrated Products MAX382 Datasheet HTML 7Page - Maxim Integrated Products MAX382 Datasheet HTML 8Page - Maxim Integrated Products MAX382 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, V- = 0V, GND = 0V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, WR = 0V, RS = 2.4V, TA = TMIN to TMAX, unless
otherwise noted.)
ns
Figure 6, V+ = 5V
tRS
Reset Pulse Width
SWITCH
TA = TMIN to TMAX
TA = +25°C
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
On-Resistance
RON
280
150
225
Ω
(Note 3)
Analog Signal Range
VCOM, VNO
V-
V+
V
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
CONDITIONS
SUPPLY
DIGITAL LOGIC INPUT
TA = +25°C
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
TA = TMIN to TMAX
VEN = V+, 0V; VA = 0V;
V+ = 5.5V; V- = 0V
Input Current with
Input Voltage Low
IL, IENL
Logic Low Input Voltage
VL, VENL
0.8
-0.1
0.1
Input Current with
Input Voltage High
-1.0
1.0
µA
Negative Supply Current
I-
-1.0
1.0
µA
Positive Supply Current
I+
-1.0
1.0
µA
Power-Supply Range
2.4
15
V
IGND Supply Current
IGND
-1.0
1.0
Logic High Input Voltage
VH, VENH
2.4
V
IH, IENH
-0.1
0.1
µA
VH = 2.4V, VL = 0.8V
VH = 2.4V, VL = 0.8V
µA
TA = TMIN to TMAX
TA = TMIN to TMAX
V
TA = +25°C
TA = +25°C
C, E
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
M
TA = +25°C
C, E
M
C, E
M
TA = +25°C
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
Figure 5
INO = 1mA; VCOM = 3V, 2V, 1V;
V+ = 5V
MAX382
VNO = 4.5V, VCOM = 0V,
V+ = 5.5V
MAX384
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
10
16
Ω
On-Resistance Matching
Between Channels (Note 4)
∆RON
12
10
Ω
AX, EN Data Hold Time
tH
100
On-Resistance Flatness
RFLAT
15
20
-0.1
0.1
nA
-1.0
1.0
NO-Off Leakage Current
(Note 8)
INO(OFF)
-10
10
100
ns
-0.2
0.2
nA
-2.5
2.5
-20
20
-0.2
0.2
-1.5
1.5
COM-Off Leakage Current
(Note 8)
ICOM(OFF)
-10
10
TA = +25°C
C, E
M
TA = +25°C
C, E
M
MAX382
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
MAX384
TA = TMIN
to TMAX
TA = TMIN
to TMAX
-0.4
0.4
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
nA
-5
5
-40
40
-0.2
0.2
-2.5
2.5
COM-On Leakage Current
(Note 8)
ICOM(ON)
-20
20
VCOM = 4.5V,
VNO = 4.5V,
V+ = 5.5V
SWITCH
DIGITAL LOGIC INPUT
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com