Electronic Components Datasheet Search
  English  ▼

X  

MAX3865E/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3865E/D
Description  2.5Gbps Laser Driver with Automatic Modulation Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3865E/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3865E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 12Page - Maxim Integrated Products MAX3865E/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Laser Current Requirements
Bias and modulation current requirements can be
determined from the laser threshold current and slope
efficiency. The modulation and bias currents under a
single operating condition are:
• For DC-coupled laser diodes:
IBIAS > ITH
where ITH is the laser threshold current.
• For AC-coupled laser diodes:
Given the desired parameters for operation of the laser
diode, the programming of the MAX3865 is explained
in the following text.
Current Limits
To keep the modulation current in compliance with the
programmed value, the following constraint on the total
modulation current must be made:
DC-Coupled Laser Diodes:
VCC - VDIODE - IMOD ✕ (RD + RL) - IBIAS ✕ RL
≥ 1.8V
• For VDIODE—Laser diode bias point voltage
(1.2V typ)
RL—Laser diode bias-point resistance (5
Ω typ)
RD—Series matching resistor (15
Ω typ)
AC-Coupled Laser Diodes:
To allow larger modulation current, the laser can be
AC-coupled to the MAX3865 as shown in the Typical
Application Circuit. In this configuration, a constant cur-
rent is supplied from the inductor LP. The requirement
for compliance in the AC-coupled circuit is as follows:
The AC-coupling capacitor and bias inductor form a
second-order high-pass circuit. Pattern-dependent jitter
results from the low-frequency cutoff of this high-pass
circuit. To prevent ringing:
For deviation from 50% duty cycle or for runs of con-
secutive identical digits (CID), the low-frequency corner
formed by the LC circuit must be low enough to limit
the droop.
If droop = 6.7%, number_CID = 100 and data_rate =
2.5Gbps, then possible values for LP and C may be
LP = 6µH and C = 0.056µF. Both L and C must be
increased in value to reduce droop without ringing.
Programming the Maximum Bias Current
In AMC (or APC) mode, the bias current needs a limit if
the loop becomes open. RBIASMAX sets the maximum
allowed bias current. The bias current is proportional to
the current through RBIASMAX. An internal current regu-
lator maintains the band-gap voltage of 1.2V across the
programming resistors. Select the maximum IBIAS pro-
gramming resistor as follows:
Alternatively, a current DAC forcing IDAC from the
BIASMAX pin may set the current maximum:
IBIASMAX = 480 ✕ IDAC
When the AMC or APC loop is enabled, the actual bias
current is reduced below the maximum value to main-
tain a constant average current from the monitor diode.
With closed-loop control, the bias current will be deter-
mined by the transfer function of the monitor diode to
laser-diode current. For example, if the transfer function
to the monitor diode is 10.0µA/mA, then setting IMD for
500µA will result in IBIAS equal to 50mA.
In manual mode, the bias current IBIAS is IBIASMAX as
set by RBIASMAX.
Programming the Average Monitor
Diode-Current Set Point
The APCSET pin controls the set point for the average
monitor diode current when in AMC or APC mode. The
APCSET current is externally established in the same
manner as the BIASMAX pin. The average monitor
diode current IMD can be programmed with a resistor
as follows:
Alternatively, a current DAC at the APCSET pin can set
the monitor diode current by:
average IMD = 5 ✕ IDAC
average I
V
Rk
MD
APCSET
_
.
=×
+Ω
5
12
2
I
V
Rk
BIASMAX
BIASMAX
=×
+Ω
480
12
2
.
Droop
Number CID
Data Rate
L
C
P
=
××
_
_
RR
L
C
DL
P
+
()≥×
2
V
I
RR
V
CC
MOD
DL
−×
+
()≥
2
18
.
II
I
BIAS
TH
MOD
>+
2
I
Pr
r
MOD
AVG
e
e
=×
× −
+
2
1
1
η
2.5Gbps Laser Driver with Automatic
Modulation Control
_______________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com