Electronic Components Datasheet Search
  English  ▼

X  

EX-421 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # EX-421
Description  Evacuated Miniature Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-421 Datasheet(HTML) 1 Page - Vectron International, Inc

  EX-421 Datasheet HTML 1Page - Vectron International, Inc EX-421 Datasheet HTML 2Page - Vectron International, Inc EX-421 Datasheet HTML 3Page - Vectron International, Inc EX-421 Datasheet HTML 4Page - Vectron International, Inc EX-421 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Frequency Stabilities1
Min
Max
Condition
Initial Accuracy
Supply Voltage (Vs)
VDC
VDC
Watts
Watts
Watts
EX-421
Evacuated Miniature Crystal Oscillator
Features
Applications
Description
EX-421
*
Performance Specifications
1 of 5
• Mobile Data Communications
• Military Portable Radio
• Satellite Communications
• Airborne Equipment
• Avionics
• Instrumentation
• Marine/Land Seismic
The EX-421 provides exceptionally low aging rates and tight temperature stabilities in an extremely small package over a wide
range of environmental conditions. This EMXO series bridges the gap between current large, high precision OCXO’s and smaller
TCXO’s. The EX-421 Series becomes the most economical choice where there is a need for spectral purity, short and long term
stability, along with small size and dramatically reduced power consumption.
Low Power Consumption Precision Oscillator
Fast Warm-up
• Low Phase Noise
• Good Aging
• Small Form Factor
• SMD and Thru-Hole Mounting Option
• RoHS Compliant *
• Standard Frequencies: 10MHz, 20MHz and 100MHz
• Design/Material Sourcing/Manufacture/Test in MHS,PA COO:USA
• No ITAR Restriction for importing EAR99
• Previous Model Number: EX-620, EX-420 series


Similar Part No. - EX-421

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-42 PANASONIC-EX-42 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
EX-42 PANASONIC-EX-42 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
logo
Vectron International, ...
EX-4200-DAE-107 VECTRON-EX-4200-DAE-107 Datasheet
383Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-4200-DAE-147 VECTRON-EX-4200-DAE-147 Datasheet
383Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-421

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com