Electronic Components Datasheet Search
  English  ▼

X  

CBRLD110 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CBRLD110
Description  Low profile package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBRLD110 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CBRLD110 Datasheet HTML 1Page - Central Semiconductor Corp CBRLD110 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CBRLD1 Series
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit:
www.centralsemi.com
Innovative Discrete
Semiconductors
Mechanical Drawing - LPDIP
Mounting Pad Geometry
(Dimensions in mm)
Sample devices available upon request. To order samples visit: www.centralsemi.com/info/CBRLD1
Tape Dimensions and Device Orientation (Dimensions in mm)
Tape Width: 12mm
Direction of Unreeling
Packaging Base / Ordering Information
Reel Size
Quantity
Central
Item No.
13”
4,000
CBRLD1-02 TR13
CBRLD1-04 TR13
CBRLD1-06 TR13
CBRLD1-08 TR13
CBRLD1-10 TR13
MARKING CODES
CBRLD1-02: CBL2
CBRLD1-04: CBL4
CBRLD1-06: CBL6
CBRLD1-08: CBL8
CBRLD1-10: CBL10
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-D
Literature
Order your selection guide today. Visit:
web.centralsemi.com/search/sample.php
New
SMD
SELECTION
GUIDE
Stay up to date on Central’s
latest new products:
Subscribe to Central’s
www.centralsemi.com/subscribe
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • Tel:(631) 435-1110 • Fax:(631) 435-1824
1.0A, 200V thru 1000V
Bridge Rectifiers
in the LPDIP package
CBRLD1-08
CBRLD1-04
CBRLD1-02
CBRLD1-10
CBRLD1-06



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com