Electronic Components Datasheet Search
  English  ▼

X  

MAX3867ECM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3867ECM
Description  3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3867ECM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3867ECM Datasheet HTML 1Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 2Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 3Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 4Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 5Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 6Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 7Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 8Page - Maxim Integrated Products MAX3867ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3.3V, 2.5Gbps SDH/SONET Laser Driver
with Automatic Power Control
2
_______________________________________________________________________________________
IMD = 1mA
IMD = 18µA
90
ENABLE = low (Note 4)
APC open loop, IBIAS = 1mA
(Note 3)
900
(Note 2)
(Note 5)
Sourcing 50µA
(Note 6)
APC open loop, IBIAS = 100mA
APC open loop
Figure 1
PECL compatible
Sinking 100µA
CONDITIONS
%
-15
15
Monitor-Diode Bias Absolute
Accuracy
ppm/°C
-480
50
480
Monitor-Diode Bias Setpoint
Stability
µA
18
1000
IMD
Monitor-Diode DC Current
Range
V
1.5
Monitor-Diode Reverse Bias
Voltage
V
0.1
0.44
TTL Output Low Voltage FAIL
µA
100
IBIAS-OFF
Bias Off Current
mA
1
100
IBIAS
mA
62
105
ICC
Supply Current
Bias Current Range
V
2.4
VCC - 0.3
VCC
TTL Output High Voltage FAIL
V
0.8
TTL Input Low Voltage
(ENABLE, LATCH)
V
2.0
TTL Input High Voltage
(ENABLE, LATCH)
µA
-1
10
IIN
Clock and Data Input Current
ppm/°C
230
Bias-Current Stability
%
-15
15
(Note 5)
Bias-Current Absolute Accuracy
mVp-p
200
1600
VID
Differential Input Voltage
V
VCC -
VCC -
VCC -
1.49
1.32
VID/4
VICM
Common-Mode Input Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.14V to +5.5V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, IMOD = 30mA, IBIAS = 60mA, and TA = +25°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Characteristics at -40°C guaranteed by design and characterization. Dice are tested at TA = +25°C only.
Note 2: Tested at RMODSET = 2.49kΩ, RBIASMAX = 1.69kΩ, excluding IBIAS and IMOD.
Note 3: Voltage on BIAS pin is (VCC - 1.6V).
Note 4: Both the bias and modulation currents will be switched off if any of the current set pins are grounded.
Note 5: Accuracy refers to part-to-part variation.
Note 6: Assuming that the laser to monitor-diode transfer function does not change with temperature.
Supply Voltage, VCC............................................. -0.5V to +7.0V
Current into BIAS ...........................................-20mA to +150mA
Current into OUT+, OUT- ................................-20mA to +100mA
Current into MD.....................................................-5mA to +5mA
Voltage at DATA+, DATA-, CLK+, CLK-,
ENABLE, LATCH, FAIL, SLWSTRT.........-0.5V to (VCC + 0.5V)
Voltage at APCFILT, CAPC, MODSET,
BIASMAX, APCSET ...........................................-0.5V to +3.0V
Voltage at OUT+, OUT-.............................+1.5V to (VCC + 1.5V)
Voltage at BIAS .........................................+1.0V to (VCC + 0.5V)
Current into FAIL ...............................................-10mA to +30mA
Continuous Power Dissipation (TA = +85°C)
TQFP (derate 20.8mW/°C above +85°C) ...................1354mW
Storage Temperature Range .............................-65°C to +165°C
Operating Junction Temperature Range ...........-55°C to +150°C
Processing Temperature (die) .........................................+400°C
Lead Temperature (soldering, 10sec) .............................+300°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com