Electronic Components Datasheet Search
  English  ▼

X  

CDM4600LR Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CDM4600LR
Description  600V, N-Channel UltraMOS??Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CDM4600LR Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CDM4600LR Datasheet HTML 1Page - Central Semiconductor Corp CDM4600LR Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600V, N-Channel UltraMOS™ Power MOSFETs in the DPAK package
CDM4-600LR (4A)
CDM7-600LR (7A)
DPAK
Central Semiconductor’s CDM4-600LR (4A, 600V) and CDM7-600LR
(7A, 600V) are 600 Volt N-Channel MOSFETs designed for high
voltage, fast switching applications such as Power Factor Correction
(PFC), lighting, and power inverters. These MOSFETs combine high
voltage capability with ultra low rDS(ON), low threshold voltage, and
low gate charge for optimal efficiency.
• Energy efficiency
• High power density
• Industry standard DPAK package
Benefits:
Features:
• High voltage capability
• Low gate charge
• Ultra Low rDS(ON)
Applications:
• Power Factor Correction (PFC)
• Solid State Lighting (SSL)
• Alternative energy inverters
Typical Electrical Characteristics
CDM4-600LR Drain Source On Resistance
CDM7-600LR Drain Source On Resistance
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
Services:
Weblink/Samples:
For more information
or to request
samples visit:
www.centralsemi.com/info/UltraMOS
• Bonded Inventory
• Custom Electrical Screening
• Custom Electrical Characteristic Curves
• SPICE Models
• Custom Packaging
• Package Base Options
• Custom Device Development /
Multi Discrete Modules (MDM™)
Through-hole 600V Low rDS(ON) MOSFET
CDM22011-600LRFP
(11A, N-Channel)
TO-220FP package
Also available:
Maximum Ratings (TA = 25˚C unless otherwise noted)
Electrical Characteristics: (TA = 25˚C unless otherwise noted)
Type No.
ID
(A)
MAX
PD
(W)
MAX
TJ, Tstg
(˚C)
MAX
ΘJA
(˚C/W)
MAX
BVDSS
(V)
MIN
VGS(th)
(V)
MIN
MAX
rDS(ON)
@ VGS
@ ID
(Ω)
(Ω)
(V)
(A)
TYP
MAX
Qgs
(nC)
TYP
Ciss
(pF)
TYP
Crss
(pF)
TYP
CDM4-600LR
4.0
38
-55 to +150
110
600
2.0
4.0
0.65
0.95
10
2.0
2.04
328
1.31
CDM7-600LR
7.0
60
-55 to +150
110
600
2.0
4.0
0.53
0.58
10
3.5
2.62
440
1.94
www.centralsemi.com/UltraMOS
Product Brief
Product Brief


Similar Part No. - CDM4600LR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDM4650 CENTRAL-CDM4650 Datasheet
1Mb / 2P
650V Medium Power MOSFETs
More results

Similar Description - CDM4600LR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
600V, 11A N-Channel UltraMOS??Power MOSFET
logo
Bruckewell Technology L...
MSL01N60 BWTECH-MSL01N60 Datasheet
593Kb / 6P
600V N-Channel MOSFETs
logo
Thinki Semiconductor Co...
TS20N60PB THINKISEMI-TS20N60PB Datasheet
851Kb / 3P
20A,600V N-Channel Planar Process Power MOSFETs
logo
Shindengen Electric Mfg...
P4B60HP2F SHINDENGEN-P4B60HP2F Datasheet
1Mb / 7P
Power MOSFETs 600V, 4A, N-channel
P15F60HP2F SHINDENGEN-P15F60HP2F Datasheet
1Mb / 8P
Power MOSFETs 600V, 15A, N-channel
P30W60HP2V SHINDENGEN-P30W60HP2V Datasheet
1Mb / 7P
Power MOSFETs 600V, 30A, N-channel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com