Electronic Components Datasheet Search
  English  ▼

X  

CDM7650 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CDM7650
Description  650V Medium Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CDM7650 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CDM7650 Datasheet HTML 1Page - Central Semiconductor Corp CDM7650 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central Semiconductor’s CDM4-650 (4A, 650V, N-Channel) and
CDM7-650 (7A, 650V, N-Channel) are medium power MOSFETs
designed for high voltage, fast switching applications such as
Power Factor Correction (PFC), lighting and power inverters. These
MOSFETs combine high voltage capability with low rDS(ON), low
threshold voltage, and low gate charge for optimal energy efficiency.
650V Medium Power MOSFETs in the DPAK package
CDM4-650 (4.0A, N-Channel)
CDM7-650 (7.0A, N-Channel)
DPAK
To order samples of this device visit:
www.centralsemi.com/info/CDM
f
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
• Energy efficiency
• High power density
• Industry standard DPAK package
Benefits:
Samples
Features:
• High voltage capability
• Low gate charge
• Low rDS(ON)
Applications:
• Power Factor Correction (PFC)
• Solid state lighting
• Alternative energy inverters
Typical Electrical Characteristics
Use QR reader
for direct link to
product web page,
Weblink:
or use: www.centralsemi.com/CDM_Series
CDM4-650 Typical Output Characteristics
CDM7-650 Typical Output Characteristics
Maximum Ratings (TA = 25˚C unless otherwise noted)
Electrical Characteristics: (TA = 25˚C unless otherwise noted)
Type No.
ID
(A)
MAX
PD
(W)
MAX
TJ, Tstg
(˚C)
MAX
ΘJA
(˚C/W)
MAX
BVDSS
(V)
MIN
VGS(th)
(V)
MIN
MAX
rDS(ON)
@ VGS
@ ID
(Ω)
(Ω)
(V)
(A)
TYP
MAX
Qgs
(nC)
TYP
Ciss
(pF)
TYP
Crss
(pF)
TYP
CDM4-650
4.0
1.13
-55 to +150
110
650
2.0
4.0
2.44
2.7
10
2.0
3.0
463
1.0
CDM7-650
7.0
1.13
-55 to +150
110
650
2.0
4.0
1.35
1.5
10
3.5
5.0
754
0.8
Product Brief
Product Brief


Similar Part No. - CDM7650

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDM7600LR CENTRAL-CDM7600LR Datasheet
1Mb / 2P
600V, N-Channel UltraMOS??Power MOSFETs
More results

Similar Description - CDM7650

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
Power MOSFETS
logo
Unitpower Technology Li...
UB09N65 UNITPOWER-UB09N65 Datasheet
727Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD01N65 UNITPOWER-UD01N65 Datasheet
688Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD02N65 UNITPOWER-UD02N65 Datasheet
698Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD03N65 UNITPOWER-UD03N65 Datasheet
761Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD04N65 UNITPOWER-UD04N65 Datasheet
766Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UI01N65 UNITPOWER-UI01N65 Datasheet
694Kb / 4P
N-Ch 650V Fast Switching MOSFETs
logo
Thinki Semiconductor Co...
TSF8N65C THINKISEMI-TSF8N65C Datasheet
985Kb / 6P
7.5A,650V Insulated N-Channel Type Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com