Electronic Components Datasheet Search
  English  ▼

X  

9FGL08 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 9FGL08
Description  control input polarity
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL08 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 9FGL08 Datasheet HTML 10Page - Integrated Device Technology 9FGL08 Datasheet HTML 11Page - Integrated Device Technology 9FGL08 Datasheet HTML 12Page - Integrated Device Technology 9FGL08 Datasheet HTML 13Page - Integrated Device Technology 9FGL08 Datasheet HTML 14Page - Integrated Device Technology 9FGL08 Datasheet HTML 15Page - Integrated Device Technology 9FGL08 Datasheet HTML 16Page - Integrated Device Technology 9FGL08 Datasheet HTML 17Page - Integrated Device Technology 9FGL08 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
8-OUTPUT 3.3V PCIE GEN 1-2-3 CLOCK GENERATOR
14
REVISION B 07/17/15
9FGL08 DATASHEET
SMBus Table: Pull-up Pull-down Control
Byte 15
Name
Control Function
Type
0
1
Default
Bit 7
OE7_pu/pd[1]
RW
00=None
10=Pup
0
Bit 6
OE7_pu/pd0]
RW
01=Pdwn
11 = Pup+Pdwn
1
Bit 5
OE6_pu/pd[1]
RW
00=None
10=Pup
0
Bit 4
OE6_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
1
Bit 3
OE5_pu/pd[1]
RW
00=None
10=Pup
0
Bit 2
OE5_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
1
Bit 1
OE4_pu/pd[1]
RW
00=None
10=Pup
0
Bit 0
OE4_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
1
SMBus Table: Pull-up Pull-down Control
Byte 16
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
CKPWRGD_PD_pu/pd[1]
RW
00=None
10=Pup
1
Bit 0
CKPWRGD_PD_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
0
Bytes 17 is Reserved
SMBus Table: Polarity Control
Byte 18
Name
Control Function
Type
0
1
Default
Bit 7
OE7_polarity
Sets OE7 polarity
RW
Enabled when Low Enabled when High
0
Bit 6
OE6_polarity
Sets OE6 polarity
RW
Enabled when Low Enabled when High
0
Bit 5
OE5_polarity
Sets OE5 polarity
RW
Enabled when Low Enabled when High
0
Bit 4
OE4_polarity
Sets OE4 polarity
RW
Enabled when Low Enabled when High
0
Bit 3
OE3_polarity
Sets OE3 polarity
RW
Enabled when Low Enabled when High
0
Bit 2
OE2_polarity
Sets OE2 polarity
RW
Enabled when Low Enabled when High
0
Bit 1
OE1_polarity
Sets OE1 polarity
RW
Enabled when Low Enabled when High
0
Bit 0
OE0_polarity
Sets OE0 polarity
RW
Enabled when Low Enabled when High
0
SMBus Table: Polarity Control
Byte 19
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
CKPWRGD_PD
Determines
CKPWRGD_PD polarity
RW
Power Down when
Low
Power Down when
High
0
Reserved
OE7 Pull-up(PuP)/
Pull-down(Pdwn) control
OE6 Pull-up(PuP)/
Pull-down(Pdwn) control
OE5 Pull-up(PuP)/
Pull-down(Pdwn) control
OE4 Pull-up(PuP)/
Pull-down(Pdwn) control
Reserved
Reserved
Reserved
Reserved
Reserved
CKPWRGD_PD Pull-up(PuP)/
Pull-down(Pdwn) control
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com