Electronic Components Datasheet Search
  English  ▼

X  

MAX3885ECB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3885ECB
Description  3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3885ECB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3885ECB Datasheet HTML 1Page - Maxim Integrated Products MAX3885ECB Datasheet HTML 2Page - Maxim Integrated Products MAX3885ECB Datasheet HTML 3Page - Maxim Integrated Products MAX3885ECB Datasheet HTML 4Page - Maxim Integrated Products MAX3885ECB Datasheet HTML 5Page - Maxim Integrated Products MAX3885ECB Datasheet HTML 6Page - Maxim Integrated Products MAX3885ECB Datasheet HTML 7Page - Maxim Integrated Products MAX3885ECB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+3.3V, 2.488Gbps, SDH/SONET
1:16 Deserializer with LVDS Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Positive Supply Voltage (VCC)...............................-0.5V to +7.0V
Input Voltage Level (all inputs)...................-0.5V to (VCC + 0.5V)
Output Current LVDS outputs .............................................10mA
Continuous Power Dissipation (TA = +85°C)
TQFP (derate 24mW/°C above +85°C) .......................1000mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, differential loads = 100Ω ±1%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V,
TA = +25°C.)
Figure 1
Common-mode voltage = 50mV
Differential input voltage = 100mV
VIN = VIH(MAX)
VIN = VIL(MIN)
CONDITIONS
%
±2.5
±10
∆RO
Change in Magnitude of Single-
Ended Output Resistance for
Complementary Outputs
Ω
40
95
140
RO
Single-Ended Output Resistance
mV
±25
∆VOS
Change in Magnitude of Output
Offset Voltage for Complementary
States
V
1.125
1.275
VOS
Output Offset Voltage
mV
±25
∆VOD
Change in Magnitude of Differential
Output Voltage for Complementary
States
mV
250
400
VOD
Differential Output Voltage
V
0.925
VOL
Output Low Voltage
V
1.475
VOH
Output High Voltage
V
VCC - 1.16
VCC - 0.88
VIH
Input High Voltage
mA
200
280
ICC
Supply Current
Ω
85
100
115
RIN
Differential Input Resistance
mV
78
VHYST
Threshold Hysteresis
mV
-100
100
VIDTH
Differential Input Threshold
V
0
2.4
VI
Input Voltage Range
V
VCC - 1.81
VCC - 1.48
VIL
Input Low Voltage
µA
-900
900
IIH
Input High Current
µA
-900
900
IIL
Input Low Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
PECL INPUTS (SD+/-, SCLK+/-)
LVDS INPUTS AND OUTPUTS (SYNC+/-, PCLK+/-, PD_+/-)
Note 1: AC Characteristics guaranteed by design and characterization.
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, differential loads = 100Ω ±1%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V,
TA = +25°C.) (Note 1, Figure 4)
CONDITIONS
ps
100
tH
Serial Data Hold Time
ps
100
tSU
GHz
2.488
fSCLK
Maximum Serial Clock Frequency
Serial Data Setup Time
ps
200
450
900
tCLK-Q
Parallel Clock-to-Data Output Delay
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com