Electronic Components Datasheet Search
  English  ▼

X  

MAX398 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX398
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX398 Datasheet HTML 1Page - Maxim Integrated Products MAX398 Datasheet HTML 2Page - Maxim Integrated Products MAX398 Datasheet HTML 3Page - Maxim Integrated Products MAX398 Datasheet HTML 4Page - Maxim Integrated Products MAX398 Datasheet HTML 5Page - Maxim Integrated Products MAX398 Datasheet HTML 6Page - Maxim Integrated Products MAX398 Datasheet HTML 7Page - Maxim Integrated Products MAX398 Datasheet HTML 8Page - Maxim Integrated Products MAX398 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VAH = VENH = +2.4V, VAL = VENL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to GND
V+ .......................................................................-0.3V to +17V
V- ........................................................................+0.3V to -17V
V+ to V-...............................................................-0.3V to +17V
Voltage into Any Terminal (Note 1).........(V- - 2V) to (V+ + 2V) or
30mA (whichever occurs first)
Current into Any Terminal ...................................................30mA
Peak Current, Any Terminal
(pulsed at 1ms, 10% duty cycle max) ............................40mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 7.5mW/°C above +70°C) ..............470mW
Narrow SO (derate 8.7mW/°C above +70°C) ..............696mW
CERDIP (derate 10.0mW/°C above +70°C) .................900mW
Operating Temperature Ranges
MAX39_C_ _ .......................................................0°C to +70°C
MAX39_E_ _.....................................................-40°C to +85°C
MAX39_MJE ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
CONDITIONS
-10
10
ICOM(OFF)
COM-Off Leakage Current
(Note 6)
-1.5
1.5
-0.1
0.1
-20
20
-2.5
2.5
nA
-0.2
0.2
Ω
60
100
V
V-
V+
VCOM, VNO
Analog Signal Range
-10
10
INO(OFF)
NO-Off Leakage Current
(Note 6)
-1.0
1.0
nA
-0.1
0.1
14
RFLAT(ON)
On-Resistance Flatness
(Note 5)
125
RON
Channel On-Resistance
Ω
6
8
∆RON
RON Matching Between
Channels (Note 4)
Ω
11
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX399
VNO = ±4.5V, VCOM = 4.5V,
V+ = 5.5V, V- = -5.5V
MAX398
INO = 1mA, VCOM = ±3V,
V+ = 5V, V- = -5V
INO = 1mA, VCOM = ±3.5V
INO = 1mA, VCOM = ±3.5V,
V+ = 5V, V- = -5V
TA = +25°C
(Note 3)
M
C, E
M
C, E
TA = +25°C
M
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
C, E
TA = +25°C
TA = +25°C
Note 1: Signals on any terminal exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current ratings.
VCOM = ±4.5V,
VNO = 4.5V,
-20
20
ICOM(ON)
COM-On Leakage Current
(Note 6)
-2.5
2.5
-0.2
0.2
-40
40
-5
5
nA
-0.4
0.4
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX399
MAX398
M
C, E
TA = +25°C
M
C, E
TA = +25°C
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com