Electronic Components Datasheet Search
  English  ▼

X  

MAX4012 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4012
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4012 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4012 Datasheet HTML 1Page - Maxim Integrated Products MAX4012 Datasheet HTML 2Page - Maxim Integrated Products MAX4012 Datasheet HTML 3Page - Maxim Integrated Products MAX4012 Datasheet HTML 4Page - Maxim Integrated Products MAX4012 Datasheet HTML 5Page - Maxim Integrated Products MAX4012 Datasheet HTML 6Page - Maxim Integrated Products MAX4012 Datasheet HTML 7Page - Maxim Integrated Products MAX4012 Datasheet HTML 8Page - Maxim Integrated Products MAX4012 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
4
_______________________________________________________________________________________
Note 1: The MAX4012EUT is 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by
design.
Note 2: Tested with VCM = +2.5V.
Note 3: PSR for single +5V supply tested with VEE = 0V, VCC = +4.5V to +5.5V; for dual ±5V supply with VEE = -4.5V to -5.5V,
VCC = +4.5V to +5.5V; and for single +3.3V supply with VEE = 0V, VCC = +3.15V to +3.45V.
Note 4: Does not include the external feedback network’s impedance.
Note 5: Guaranteed by design.
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0V, VCM = 2.5V, EN_ = +5V, RF = 24Ω, RL = 100Ω to VCC / 2, VOUT = VCC / 2, AVCL = +1, TA = +25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Bandwidth for 0.1dB Gain
Flatness
BW0.1dB
6
30
MHz
Large-Signal -3dB Bandwidth
BWLS
140
MHz
Slew Rate
SR
600
V/µs
Settling Time to 0.1%
tS
45
ns
Rise/Fall Time
tR, tF
1
ns
-78
dBc
Small-Signal -3dB Bandwidth
BWSS
200
MHz
150
Harmonic Distortion
HD
-82
-75
dB
Two-Tone, Third-Order
Intermodulation Distortion
IP3
35
dBc
Input 1dB Compression Point
11
dBm
Differential Phase Error
DP
0.02
degrees
Differential Gain Error
DG
0.02
%
Input Noise-Voltage Density
en
10
nV/
√Hz
Input Noise-Current Density
in
6
pA/
√Hz
Input Capacitance
CIN
1
pF
Disabled Output Capacitance
COUT (OFF)
2
pF
Output Impedance
ZOUT
6
Ω
Amplifier Enable Time
tON
100
ns
CONDITIONS
VOUT = 2Vp-p
VOUT = 2V step
VOUT = 2V step
f1 = 10.0MHz, f2 = 10.1MHz, VOUT = 1Vp-p
VOUT = 100mVp-p
fC = 5MHz,
VOUT = 2Vp-p
fC = 10MHz, AVCL = +2
NTSC, RL = 150Ω
NTSC, RL = 150Ω
VOUT = 20mVp-p
f = 10kHz
f = 10kHz
MAX4018, EN_ = 0V
f = 10MHz
MAX4018
MAX4012
MAX4016/MAX4018/
MAX4020
VOUT = 20mVp-p (Note 5)
2nd harmonic
3rd harmonic
Total harmonic
distortion
Spurious-Free Dynamic
Range
SFDR
-78
dBc
fC = 5MHz, VOUT = 2Vp-p
Amplifier Disable Time
tOFF
1
µs
MAX4018
Amplifier Gain Matching
0.1
dB
MAX4016/MAX4018/MAX4020,
f = 10MHz, VOUT = 20mVp-p
Amplifier Crosstalk
XTALK
-95
dB
MAX4016/MAX4018/MAX4020,
f = 10MHz, VOUT = 2Vp-p, RS = 50Ω to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com