Electronic Components Datasheet Search
  English  ▼

X  

MAX397CPI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX397CPI
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397CPI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX397CPI Datasheet HTML 1Page - Maxim Integrated Products MAX397CPI Datasheet HTML 2Page - Maxim Integrated Products MAX397CPI Datasheet HTML 3Page - Maxim Integrated Products MAX397CPI Datasheet HTML 4Page - Maxim Integrated Products MAX397CPI Datasheet HTML 5Page - Maxim Integrated Products MAX397CPI Datasheet HTML 6Page - Maxim Integrated Products MAX397CPI Datasheet HTML 7Page - Maxim Integrated Products MAX397CPI Datasheet HTML 8Page - Maxim Integrated Products MAX397CPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltage referenced to GND, unless otherwise noted.)
V+ ...........................................................................-0.3V to +17V
V- ............................................................................+0.3V to -17V
V+ to V-...................................................................-0.3V to +17V
Voltage into Any Terminal (Note 1).............(V- - 2V) to (V+ + 2V)
or 30mA (whichever occurs first)
Current into Any Terminal .................................................±30mA
Peak Current into Any Terminal ........................................±50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 14.29mW/°C above +70°C) .........1143mW
Wide SO (derate 12.50mW/°C above +70°C).............1000mW
SSOP (derate 9.52mW/°C above +70°C) .....................762mW
PLCC (derate 10.53mW/°C above +70°C) ...................842mW
CERDIP (derate 16.67mW/°C above +70°C) ..............1333mW
Operating Temperature Ranges
MAX39_C_I ..........................................................0°C to +70°C
MAX39_E_I .......................................................-40°C to +85°C
MAX39_MJI.....................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
CONDITIONS
-20
20
ICOM(OFF)
COM Off-Leakage Current
(Note 6)
-2.5
2.5
-0.1
0.03
0.1
-40
40
-2.5
2.5
nA
-0.2
0.05
0.2
Ω
60
100
V
V-
V+
VCOM, VNO
Analog Signal Range
-10
10
INO(OFF)
NO Off-Leakage Current
(Note 6)
-1.0
1.0
nA
-0.1
0.03
0.1
13
RFLAT(ON)
On-Resistance Flatness
(Note 5)
125
RON
Channel On-Resistance
Ω
1.8
6
8
∆RON
On-Resistance Matching
Between Channels (Note 4)
Ω
510
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX397
VNO = ±4.5V, VCOM = 4.5V,
V+ = 5.5V, V- = -5.5V
MAX396
INO = 1mA, VCOM = ±3V,
V+ = 5V, V- = -5V
INO = 1mA, VCOM = ±3.5V
INO = 1mA, VCOM = ±3.5V,
V+ = 5V, V- = -5V
TA = +25°C
(Note 3)
M
C, E
M
C, E
TA = +25°C
M
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
C, E
TA = +25°C
TA = +25°C
Note 1: Signals on any terminal exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating.
VCOM = ±4.5V,
VNO = 4.5V,
-30
30
ICOM(ON)
COM On-Leakage Current
(Note 6)
-2.5
2.5
-0.2
0.05
0.2
-60
60
-5
5
nA
-0.4
0.09
0.4
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX397
MAX396
M
C, E
TA = +25°C
M
C, E
TA = +25°C
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com