Electronic Components Datasheet Search
  English  ▼

X  

MAX4016ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4016ESA
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4016ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4016ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4016ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
______________________________________________________________________________________
13
RG
RF
RISO
50
Ω
CL
VOUT
VIN
RTIN
MAX40_ _
Figure 5. Driving a Capacitive Load through an Isolation Resistor
30
25
20
5
10
15
0
CAPACITIVE LOAD (pF)
50
0
100
200
150
250
Figure 6. Capacitive Load vs. Isolation Resistance
6
-4
100k
10M
100M
1M
1G
-2
FREQUENCY (Hz)
0
2
4
5
-3
-1
1
3
CL = 10pF
CL = 15pF
CL = 5pF
Figure 7. Small-Signal Gain vs. Frequency with Load
Capacitance and No Isolation Resistor
3
-7
100k
10M
100M
1M
1G
-5
FREQUENCY (Hz)
-3
-1
1
2
-6
-4
-2
0
CL = 68pF
RISO = 27Ω
CL = 120pF
CL = 47pF
Figure 8. Small-Signal Gain vs. Frequency with Load
Capacitance and 27
Ω Isolation Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com