Electronic Components Datasheet Search
  English  ▼

X  

MAX399C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX399C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX399C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX399C/D Datasheet HTML 4Page - Maxim Integrated Products MAX399C/D Datasheet HTML 5Page - Maxim Integrated Products MAX399C/D Datasheet HTML 6Page - Maxim Integrated Products MAX399C/D Datasheet HTML 7Page - Maxim Integrated Products MAX399C/D Datasheet HTML 8Page - Maxim Integrated Products MAX399C/D Datasheet HTML 9Page - Maxim Integrated Products MAX399C/D Datasheet HTML 10Page - Maxim Integrated Products MAX399C/D Datasheet HTML 11Page - Maxim Integrated Products MAX399C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
__________Applications Information
Operation with Supply Voltages
Other than ±5V
Using supply voltages less than ±5V reduces the analog
signal range. The MAX398/MAX399 muxes operate with
±3V to ±8V bipolar supplies or with a +3V to +15V single
supply. Connect V- to GND when operating with a single
supply. Both device types can also operate with unbal-
anced supplies, such as +10V and -5V. The
Typical
Operating Characteristics graphs show typical on-resis-
tance with ±3V, ±5V, +3V and +5V supplies. (Switching
times increase by a factor of two or more for operation at
5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, NO, or COM. If power-supply sequencing
is not possible, add two small signal diodes (D1, D2) in
series with supply pins for overvoltage protection
(Figure 1). Adding diodes reduces the analog signal
range to one diode drop below V+ and one diode drop
above V-, but does not affect the devices’ low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between
V+ and V- should not exceed 17V. These protection
diodes are not recommended when using a single supply.
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
8
_______________________________________________________________________________________
______________________________________________Test Circuits/Timing Diagrams
COM
V-
V+
NO
* INTERNAL PROTECTION DIODES
D2
D1
-5V
+5V
MAX398
MAX399
*
*
*
*
Figure 1. Overvoltage Protection Using External Blocking Diodes
50%
tTRANS
tR < 20ns
tF < 20ns
VOUT
+3V
0V
VNO1
0V
VNO8
LOGIC
INPUT
VEN
SWITCH
OUTPUT
+5V
VOUT
-5V
GND
V+
A1
V-
A2
A0
EN
NO1
NO2-NO7
NO8
COM
+5V
-5V
50
Ω
MAX398
300
Ω
35pF
+5V
VOUT
-5V
GND
V+
A0
V-
A1
EN
NO1B
NO1A-NO4A
NO4B
COMB
+5V
50
Ω
MAX399
300
Ω
35pF
90%
90%
tTRANS
ON
-5V
VEN
VEN
Figure 2. Transition Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com