Electronic Components Datasheet Search
  English  ▼

X  

IRFE320 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFE320
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE320 Datasheet(HTML) 7 Page - International Rectifier

  IRFE320 Datasheet HTML 1Page - International Rectifier IRFE320 Datasheet HTML 2Page - International Rectifier IRFE320 Datasheet HTML 3Page - International Rectifier IRFE320 Datasheet HTML 4Page - International Rectifier IRFE320 Datasheet HTML 5Page - International Rectifier IRFE320 Datasheet HTML 6Page - International Rectifier IRFE320 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRFE320, JANTX2N6792U, JANTXV2N6792U
Foot Notes:
ƒ ISD ≤ 1.8A, di/dt ≤ 65A/µs,
VDD≤ 400V, TJ ≤ 150°C
Suggested RG =7.5
Ω
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
‚ VDD = 50V, starting TJ = 25°C,
Peak IL = 2.2A, L = 100µH
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 08/2007
Case Outline and Dimensions — LCC-18



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com