Electronic Components Datasheet Search
  English  ▼

X  

MAX4042ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4042ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4042ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4042ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4042ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
________________General Description
The MAX4040–MAX4044 family of micropower op amps
operates from a single +2.4V to +5.5V supply or dual
±1.2V to ±2.75V supplies and have Rail-to-Rail® input
and output capabilities. These amplifiers provide a
90kHz gain-bandwidth product while using only 10µA of
supply current per amplifier. The MAX4041/MAX4043
have a low-power shutdown mode that reduces supply
current to less than 1µA and forces the output into a
high-impedance state. The combination of low-voltage
operation, rail-to-rail inputs and outputs, and ultra-low
power consumption makes these devices ideal for any
portable/battery-powered system.
These amplifiers have outputs that typically swing to
within 10mV of the rails with a 100k
Ω load. Rail-to-rail
input and output characteristics allow the full power-
supply voltage to be used for signal range. The combi-
nation of low input offset voltage, low input bias current,
and high open-loop gain makes them suitable for low-
power/low-voltage precision applications.
The MAX4040 is offered in a space-saving 5-pin SOT23
package. All specifications are guaranteed over the
-40°C to +85°C extended temperature range.
________________________Applications
Battery-Powered
Strain Gauges
Systems
Sensor Amplifiers
Portable/Battery-Powered
Cellular Phones
Electronic Equipment
Notebook Computers
Digital Scales
PDAs
____________________________Features
o Single-Supply Operation Down to +2.4V
o Ultra-Low Power Consumption:
10µA Supply Current per Amplifier
1µA Shutdown Mode (MAX4041/MAX4043)
o Rail-to-Rail Input Common-Mode Range
o Outputs Swing Rail-to-Rail
o No Phase Reversal for Overdriven Inputs
o 200µV Input Offset Voltage
o Unity-Gain Stable for Capacitive Loads up to 200pF
o 90kHz Gain-Bandwidth Product
o Available in Space-Saving 5-Pin SOT23 and
8-Pin µMAX Packages
Single/Dual/Quad, Low-Cost, SOT23,
Micropower Rail-to-Rail I/O Op Amps
________________________________________________________________
Maxim Integrated Products
1
VEE
IN-
IN+
15
VCC
OUT
MAX4040
SOT23-5
TOP VIEW
2
34
19-1377; Rev 0; 5/98
PART
MAX4040EUK-T
MAX4040EUA
MAX4040ESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 µMAX
8 SO
Ordering Information
Pin Configurations continued at end of data sheet.
NO. OF
AMPS
PIN-PACKAGE
MAX4040
1
5-pin SOT23,
8-pin µMAX/SO
PART
MAX4041
1
8-pin µMAX/SO
SHUTDOWN
—
Yes
MAX4044
4
14-pin SO
—
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
MAX4042EUA
MAX4042ESA
-40°C to +85°C
-40°C to +85°C
8 µMAX
8 SO
MAX4044ESD
-40°C to +85°C
14 SO
SOT
TOP MARK
ACGF
—
—
—
—
—
Pin Configurations
Selector Guide
MAX4042
2
8-pin µMAX/SO
—
MAX4043
2
10-pin µMAX/
14-pin SO
Yes
MAX4041ESA
MAX4041EUA
-40°C to +85°C
-40°C to +85°C
8 SO
8 µMAX
—
—
MAX4043EUB
MAX4043ESD
-40°C to +85°C
-40°C to +85°C
10 µMAX
14 SO
—
—


Similar Part No. - MAX4042ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4042ESA MAXIM-MAX4042ESA Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results

Similar Description - MAX4042ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com