Electronic Components Datasheet Search
  English  ▼

X  

AD4C313 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD4C313
Description  180mA Maximum Continuous Load Current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C313 Datasheet(HTML) 1 Page - Solid State Optronic

  AD4C313 Datasheet HTML 1Page - Solid State Optronic AD4C313 Datasheet HTML 2Page - Solid State Optronic AD4C313 Datasheet HTML 3Page - Solid State Optronic AD4C313 Datasheet HTML 4Page - Solid State Optronic AD4C313 Datasheet HTML 5Page - Solid State Optronic AD4C313 Datasheet HTML 6Page - Solid State Optronic AD4C313 Datasheet HTML 7Page - Solid State Optronic AD4C313 Datasheet HTML 8Page - Solid State Optronic AD4C313 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD4C313 H/S/TR
Rev 2.00 (11/25/2013)
001750
Page 1 of 9
AD4C313
1 Form A / 1 Form B
400V / 15 Ω
MOSFET Output Solid State Relay
Description
The AD4C313 is composed of two isolated relays; one
normally open and one normally closed. Each relay has a
bi-directional, single-pole, single-throw contact. Completely
independent of its counterpart, each consists of an LED
driver that activates an integrated circuit, which in turn
drives a pair of DMOS transistors. These transistors are
protected with free-wheeling diodes that can handle up to
1.5A of inrush current, making the relay ideal for switching
lamps and highly inductive loads.
The AD4C313 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Meter Reading Systems
Multiplexers
Data Acquisition
Medical Equipment
Battery Monitoring
Home / Safety Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD4C313
8 pin DIP, (50/Tube)
AD4C313-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
AD4C313-S
8 pin SMD, (50/Tube)
AD4C313-HS
5kVRMS, 8 pin SMD, (50/Tube)
AD4C313-STR
8 pin SMD, Tape and Reel (1000/Reel)
AD4C313-HSTR 5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
 1 Form A / 1 Form B Integrated in Single Package
 Low Input Control Current (2.5mA TYP)
 180mA Maximum Continuous Load Current
 Low On Resistance (15 MAX)
 High Isolation Voltage (up to 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant


Similar Part No. - AD4C313

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD4C313 SOLIDSTATE-AD4C313 Datasheet
371Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
Rev 2.00
AD4C313-H SOLIDSTATE-AD4C313-H Datasheet
371Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
Rev 2.00
AD4C313-HS SOLIDSTATE-AD4C313-HS Datasheet
371Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
Rev 2.00
AD4C313-HSTR SOLIDSTATE-AD4C313-HSTR Datasheet
371Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
Rev 2.00
AD4C313-S SOLIDSTATE-AD4C313-S Datasheet
371Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
Rev 2.00
More results

Similar Description - AD4C313

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
High Continuous Load Current (2.5A MAX)
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
140mA maximum continuous load current
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
200mA maximum continuous load current
AD4C333 SSOUSA-AD4C333_15 Datasheet
366Kb / 9P
200mA Maximum Continuous Load Current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
400mA maximum continuous load current
SDM4101 SSOUSA-SDM4101 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
High Continuous Load Current (3.4A)
SMA4115 SSOUSA-SMA4115 Datasheet
201Kb / 6P
High Continuous Load Current (3.4A)
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
High Load Current (0.5A MAX Continuous)
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com