Electronic Components Datasheet Search
  English  ▼

X  

MAX397 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX397
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX397 Datasheet HTML 1Page - Maxim Integrated Products MAX397 Datasheet HTML 2Page - Maxim Integrated Products MAX397 Datasheet HTML 3Page - Maxim Integrated Products MAX397 Datasheet HTML 4Page - Maxim Integrated Products MAX397 Datasheet HTML 5Page - Maxim Integrated Products MAX397 Datasheet HTML 6Page - Maxim Integrated Products MAX397 Datasheet HTML 7Page - Maxim Integrated Products MAX397 Datasheet HTML 8Page - Maxim Integrated Products MAX397 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
4
_______________________________________________________________________________________
VCOM = 4.5V,
VNO = 4.5V,
V+ = 5.5V
-30
30
ICOM(ON)
COM On-Leakage Current
(Note 8)
-2.5
2.5
-0.2
0.04
0.2
-60
60
-5
5
nA
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
-0.4
0.09
0.4
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX397
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
MAX396
M
C, E
TA = +25°C
M
C, E
TA = +25°C
CONDITIONS
-20
20
ICOM(OFF)
COM Off-Leakage Current
(Note 8)
-2.5
2.5
-0.2
0.02
0.2
-40
40
-2.5
2.5
nA
-0.2
0.05
0.2
Ω
120
225
V
V-
V+
VCOM, VNO
Analog Signal Range
-10
10
INO(OFF)
NO Off-Leakage Current
(Note 8)
-1.0
1.0
nA
-0.1
0.03
0.1
20
RFLAT
On-Resistance Flatness
280
RON
On-Resistance
Ω
210
12
∆RON
On-Resistance Matching
Between Channels (Note 4)
Ω
516
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX397
VNO = 4.5V, VCOM = 0V,
V+ = 5.5V
MAX396
INO = 1mA; VCOM = 3V, 2V, 1V;
V+ = 5V
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
TA = +25°C
(Note 3)
M
C, E
M
C, E
TA = +25°C
M
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
C, E
TA = +25°C
TA = +25°C
V
µA
VA = 0V, VEN = 0.8V
VA = VEN = 2.4V
µA
-0.1
0.001
0.1
IAH, IENH
V
2.4
VAH, VENH
Logic High Input Voltage
-1.0
1.0
IGND
IGND Supply Current
V
2.7
15
Power-Supply Range
µA
-1.0
0.06
1.0
I+
Positive Supply Current
µA
-1.0
0.08
1.0
I-
Negative Supply Current
µA
-1.0
0.08
1.0
Input Current with
Input Voltage High
-0.1
0.001
0.1
0.8
VAL, VENL
Logic Low Input Voltage
IAL, IENL
Input Current with
Input Voltage Low
VEN = V+, 0V; VA = 0V;
V+ = 5.5V; V- = 0V
TA = TMIN to TMAX
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
TA = +25°C
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, V- = 0V, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
SWITCH
DIGITAL LOGIC INPUT
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com