Electronic Components Datasheet Search
  English  ▼

X  

MAX4071ATA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4071ATA
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4071ATA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4071ATA Datasheet HTML 8Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 9Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 10Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 11Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 12Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 13Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 14Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 15Page - Maxim Integrated Products MAX4071ATA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 16
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
PACKAGE OUTLINE, 10L uMAX/uSOP
1
1
21-0061
I
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
TOP VIEW
FRONT VIEW
1
0.498 REF
0.0196 REF
S
6∞
SIDE VIEW
α
BOTTOM VIEW
0∞
0∞
6∞
0.037 REF
0.0078
MAX
0.006
0.043
0.118
0.120
0.199
0.0275
0.118
0.0106
0.120
0.0197 BSC
INCHES
1
10
L1
0.0035
0.007
e
c
b
0.187
0.0157
0.114
H
L
E2
DIM
0.116
0.114
0.116
0.002
D2
E1
A1
D1
MIN
-
A
0.940 REF
0.500 BSC
0.090
0.177
4.75
2.89
0.40
0.200
0.270
5.05
0.70
3.00
MILLIMETERS
0.05
2.89
2.95
2.95
-
MIN
3.00
3.05
0.15
3.05
MAX
1.10
10
0.6±0.1
0.6±0.1
ÿ0.50±0.1
H
4X S
e
D2
D1
b
A2
A
E2
E1
L
L1
c
α
GAGE PLANE
A20.030
0.037
0.75
0.95
A1
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com