Electronic Components Datasheet Search
  English  ▼

X  

MAX4080FASA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4080FASA
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4080FASA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4080FASA Datasheet HTML 7Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 8Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 9Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 10Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 11Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 12Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 13Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 14Page - Maxim Integrated Products MAX4080FASA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Power Management
The bidirectional capability of the MAX4081 makes it an
excellent candidate for use in smart battery packs. In
the application diagram (Figure 5), the MAX4081 moni-
tors the charging current into the battery as well as the
discharge current out of the battery. The microcon-
troller stores this information, allowing the system to
query the battery's status as needed to make system
power-management decisions.
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
______________________________________________________________________________________
13
MAX4080
VCC = 4.5V TO 76V
RSENSE
ISENSE
SYSTEM
LOAD
VCC
GND
RS-
RS+
OUT
Typical Operating Circuit
Chip Information
TRANSISTOR COUNT: 185
PROCESS: Bipolar
Selector Guide
MAX4081
RSENSE
VCC
GND
RS-
RS+
OUT
REF1A
REF1B
SYSTEM
POWER
MANAGEMENT
AND
CHARGER
CIRCUITRY
µC
1.8V
SERIAL
INTERFACE
BATTERY
Figure 5. MAX4081 Used In Smart-Battery Application
PART
GAIN (V/V)
ISENSE
MAX4080FAUA
5
Unidirectional
MAX4080FASA
5
Unidirectional
MAX4080TAUA
20
Unidirectional
MAX4080TASA
20
Unidirectional
MAX4080SAUA
60
Unidirectional
MAX4080SASA
60
Unidirectional
MAX4081FAUA
5
Bidirectional
MAX4081FASA
5
Bidirectional
MAX4081TAUA
20
Bidirectional
MAX4081TASA
20
Bidirectional
MAX4081SAUA
60
Bidirectional
MAX4081SASA
60
Bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com