Electronic Components Datasheet Search
  English  ▼

X  

SCG2520 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG2520
Description  Synchronous Clock Generators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2520 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG2520 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2520 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data Sheet #: SG047
Page 2 of 10
Rev: 00
Date: 03/19/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Operating Specifications
Table 2
Parameter
Specifications
Notes
Voltage
3.3V ±5%
1.0
Current
150 mA @ 3.46V
Oscillator Output Frequencies
19.44 MHz
Temperature Range
0 to 70°C
Input Frequency Ref 1 and Ref 2
19.44 MHz
2.0
Input Jitter Tolerance
>1 us Typical
(Jitter Frequencies > 10 Hz)
Jitter Bandwidth
< 10 Hz
Acquisition Time
Approximately 1 second
3.0
Capture/Pull-In Range
± 25 ppm Minimum
Output Duty Cycle
40/60 % Min/Max @ 50% Level
Output Rise and Fall Time
3 nS @ 20% to 80% output level
Output Load
30 pF
Alarm
LOR/LOL Status Signal Output
Free Run Accuracy
±20 ppm
Package
Fr4 SM 0.78” x 0.83” x 0.350” (Maximum)
MTIE @ Synchronization Rearrangement
GR-253-CORE, 1999 R5-136
4.0, 4.1
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
-0.5
-
+4.0
Volts
V
I
Input Voltage
-0.5
-
+5.5
Volts
T
S
Storage Temperature
-65.0
-
+150.0
°C
Input and Output Characteristics
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
IH
High level input voltage
2.0
-
5.5
V
V
IL
Low level input voltage
0
-
0.8
V
T
IO
I/O to output valid
-
-
10
nS
C
OUT
Output capacitance
-
-
10
pF
V
HO
High level output voltage loh = -4mA
2.40
-
-
-
Vcc Min
V
IO
Low Level output voltage lo1 = 8mA
-
-
0.4
-
Vcc Max
T
IR
Input reference signal pulse width
30
-
-
nS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com