Electronic Components Datasheet Search
  English  ▼

X  

SCG2540 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG2540
Description  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2540 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG2540 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2540 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Data Sheet #: SG049
Page 3 of 12
Rev: P01
Date: 11/11/03
© Copyright 2003 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Input Selection / Output Response
Table 5
INPUTS
OUPUTS
Reset/
Oscillator
10 kHz
Notes
Tri-State
SEL
AB
REF
A
REF
B
FR
FR
status
Alarm
Output
Output
1
X
XXXTS
TS
FR
TS
0
X
X
X
1
1
1
FR
FR
0
0
A
A
0
0
0
LRA
LRAD
0
1
NA
A
0
0
0
LRB
LRBD
0
0
NA
A
001
U
U
5.0
0
1
A
NA
001
U
U
5.0
0
0
A
NA
0
0
0
LRA
LRAD
0
X
NA
NA
0
1
1
FR
FR
NOTES:
1.0
Requires external regulation
2.0
Externally selectable via Input Select AB
3.0
Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing
4.0
If the selected reference is removed, system response to the ALARM must be less than 100ns
5.0
On alarm assertion, switch references. If alarm is still active, force Free Run
A = Active
NA = Not Active or Not Present
TS = Tri-State
U = Unstable
FR = Free Run
LRAD = Locked to Ref A and divided down
LRA = Locked to Ref A
LRAB = Locked to ref B and divided down
LRB = Locked to Reb B
X = Don’t care
Output Jitter Specifications
Table 4
Jitter BW 10 Hz - 1 MHz
SONET Jitter BW 12 kHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
20.48
10 Typ.
0.205 Typ.
1 Max., 0.5 Typ.
0.020 Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com