Electronic Components Datasheet Search
  English  ▼

X  

MAX4102ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4102ESA
Description  250MHz, Broadcast-Quality, Low-Power Video Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4102ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4102ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4102ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
250MHz, Broadcast-Quality, Low-Power
Video Op Amps
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
-40
-100
10
100
1k
MAX4103
5MHz DISTORTION vs. LOAD
-90
LOAD (
Ω)
-80
-60
-70
-50
2ND HARMONIC
3RD HARMONIC
fOUT = 5MHz
VOUT = 2Vp-p
AVCL = +2
-40
-100
1
10
MAX4102
5MHz DISTORTION vs. OUTPUT SWING
-90
OUTPUT SWING (Vp-p)
-80
-60
-70
-50
fOUT = 5MHz
RL = 100Ω
AVCL = +1
2ND HARMONIC
3RD HARMONIC
-40
-100
1
10
MAX4103
5MHz DISTORTION vs. OUTPUT SWING
-90
OUTPUT SWING (Vp-p)
-80
-60
-70
-50
fOUT = 5MHz
RL = 100Ω
AVCL = +2
2ND HARMONIC
3RD HARMONIC
100
90
70
50
0
0.2M
10M
100M
1M
1G
POWER-SUPPLY
REJECTION vs. FREQUENCY
20
10
FREQUENCY (Hz)
40
30
60
80
100
1
1
1k
10k
10
100
100k
INPUT VOLTAGE NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10
MAX4102
MAX4103
10
5
1
1
1k
10k
10
100
100k
INPUT CURRENT NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
90
0
0.03M 0.1M
1M
10M
100M
1G
COMMON-MODE REJECTION
20
FREQUENCY (Hz)
40
60
50
30
10
80
70
MAX4103
MAX4102
26.0
22.8
16.5
10.2
0
0.1M
10M
100M
1M
1G
OUTPUT RESISTANCE
vs. FREQUENCY
0.7
0.4
FREQUENCY (Hz)
7.0
3.9
13.3
19.7
0.65
0.60
0.30
-75 -50
-25
50
75
125
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
0.40
0.55
0.50
TEMPERATURE (°C)
0
25
100
0.45
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com