Electronic Components Datasheet Search
  English  ▼

X  

MAX4101ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4101ESA
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4101ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4101ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
500MHz, Low-Power Op Amps
_______________________________________________________________________________________
5
-1.0
-3.0
-50
125
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
-0.5
TEMPERATURE (
°C)
25
-2.0
1.0
0.5
0
-2.5
-25
-75
0
75
-1.5
50
100
5
0
-50
125
INPUT BIAS CURRENT
vs. TEMPERATURE
4
TEMPERATURE (
°C)
25
2
7
6
1
-25
-75
0
75
3
50
100
0.15
-0.35
-50
125
INPUT OFFSET CURRENT
vs. TEMPERATURE
0.05
TEMPERATURE (
°C)
25
-0.15
0.35
0.25
-0.25
-25
-75
0
75
-0.05
50
100
3
-50
125
POWER-SUPPLY CURRENT
vs. TEMPERATURE
5
TEMPERATURE (
°C)
25
4
7
6
-25
-75
0
75
50
100
-6
-50
125
POSITIVE OUTPUT SWING
vs. TEMPERATURE
TEMPERATURE (
°C)
25
6
5
-5
4
-4
3
-3
2
-2
-25
-75
0
75
50
100
RL = ∞
RL = ∞
RL = 100Ω
RL = 100Ω
90
80
70
60
50
40
30
20
10
0
30k
10M
100M
1G
MAX4100
COMMON-MODE REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
0.1M
10M
100M
1G
MAX4100
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
1M
PSR-
PSR+
80
70
60
50
40
30
20
10
0
3.5
0
10
33
75
OUTPUT SWING
vs. LOAD RESISTANCE
1.0
0.5
3.0
2.5
LOAD RESISTANCE (
Ω)
22
1.5
2.0
50
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = -5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com