Electronic Components Datasheet Search
  English  ▼

X  

MAX4107ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4107ESA
Description  350MHz, Ultra-Low-Noise Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4107ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4107ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4107ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX4106/MAX4107 op amps combine high-speed
performance with ultra-low-noise performance. The
MAX4106 is compensated for closed-loop gains of
5V/V, while the MAX4107 is stable in closed-loop gains
of 10V/V or greater.
The MAX4106/MAX4107 require only 15mA of supply
current while delivering a 350MHz or a 300MHz band-
width, respectively. Voltage noise is an ultra-low
0.75nV/
√Hz, while a low-distortion architecture provides
a spurious-free dynamic range (SFDR) of 63dB at
5MHz.
These high-speed op amps have a wide output voltage
swing of ±3.2V and a high current-drive capability of
80mA.
________________________Applications
Ultra-Low-Noise ADC Preamp
Ultrasound
Low-Noise Preamplifier
High-Performance Receivers
Active Filters
Pulse/RF Amplifier
____________________________Features
o 350MHz -3dB Bandwidth (MAX4106)
o 275V/µs Slew Rate (MAX4106)
500V/µs Slew Rate (MAX4107)
o 18ns Settling Time to 0.01%
o 0.75nV/
√Hz Voltage Noise
o High Output Drive: 80mA
350MHz, Ultra-Low-Noise Op Amps
________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
PART
MAX4106ESA
MAX4107ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 SO
19-0442; Rev 1; 11/95
EVALUATION
KIT
AVAILABLE
______________Ordering Information
OUT
IN+
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
N.C.
MAX4106
MAX4107
SO
TOP VIEW
3
4
6
5
__________________Pin Configuration
INPUT
RF
240
Ω
RG
27
Ω
8 to 16-BIT
HIGH-SPEED
ADC
ADC BUFFER WITH GAIN (AVCL = 10V/V)
MAX4107
+5V
1000pF
0.1µF
-5V
1000pF
0.1µF
________Typical Application Circuit


Similar Part No. - MAX4107ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4107ESA MAXIM-MAX4107ESA Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
More results

Similar Description - MAX4107ESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
logo
3PEAK INC.
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com