Electronic Components Datasheet Search
  English  ▼

X  

MAX4108ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4108ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4108ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4108ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4108ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
_______________________________________________________________________________________
5
-20
-30
-100
0.1
10
1
100
MAX4308/MAX4309
HARMONIC DISTORTION vs.FREQUENCY
-80
-90
-70
-50
-60
-40
FREQUENCY (MHz)
VOUT = 2Vp-p
MAX4308: AVCL = +5
MAX4309: AVCL = +10
2ND HARMONIC
3RD
HARMONIC
-40
-30
-100
10
1000
-70
-90
-80
-50
-60
RESISTIVE LOAD (
Ω)
100
2ND HARMONIC
AVCL = +2
VOUT = 2Vp-p
fO = 20MHz
MAX4109
HARMONIC DISTORTION vs. LOAD
3RD HARMONIC
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
MAX4308/MAX4309
HARMONIC DISTORTION vs. LOAD
RESISTIVE LOAD (
Ω)
VOUT = 2Vp-p
fO = 5MHz
MAX4308: AVCL = +5
MAX4309: AVCL = +10
3RD HARMONIC
2ND HARMONIC
-40
-30
-100
0.1
10
-70
-90
-80
-50
-60
OUTPUT SWING (Vp-p)
1
2ND HARMONIC
AVCL = +1
VOUT = 2Vp-p
fO = 20MHz
MAX4108
HARMONIC DISTORTION vs. OUTPUT SWING
3RD HARMONIC
-40
-30
-100
0.1
10
-70
-90
-80
-50
-60
OUTPUT SWING (Vp-p)
1
AVCL = +2
VOUT = 2Vp-p
fO = 20MHz
MAX4109
HARMONIC DISTORTION vs. OUTPUT SWING
3RD HARMONIC
2ND HARMONIC
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.1
1
10
MAX4308/MAX4309
HARMONIC DISTORTION
vs. OUTPUT SWING
RESISTIVE LOAD (
Ω)
VOUT = 2Vp-p
fO = 5MHz
MAX4308: AVCL = +5
MAX4309: AVCL = +10
3RD HARMONIC
2ND HARMONIC
40
45
10
1
100
25
15
20
35
30
FREQUENCY (MHz)
10
MAX4109
TWO-TONE THIRD-ORDER INTERCEPT
vs. FREQUENCY
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
-40
-30
-100
10
1000
-70
-90
-80
-50
-60
RESISTIVE LOAD (
Ω)
100
2ND HARMONIC
AVCL = +1
VOUT = 2Vp-p
fO = 20MHz
MAX4108
HARMONIC DISTORTION vs. LOAD
3RD HARMONIC
100
1
1
10k
100k
1M
10
FREQUENCY (Hz)
100
10
1k
INPUT VOLTAGE NOISE
vs. FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com