Electronic Components Datasheet Search
  English  ▼

X  

SCG4540 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # SCG4540
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4540 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button SCG4540 Datasheet HTML 2Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 3Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 4Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 5Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 9Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary Data Sheet #: SG053
Page 6 of 16
Rev: P01
Date: 08/05/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
LOL
(Internal Signal)
Phase Detector
(Internal Signal)
External Reference
(Selected Input A or B)
Internal Reference
(Internal Signal)
LOR
(Internal Signal)
4
2
2
2
2
2
2
2
2
2
2
2
2
2
2
3
2
Start-up
Region
1
1
Alarm Output
(LOR + LOL)
Start-up Region
1
10 kHz Reference Input
< 1
µsec
> 1
µsec
1
µsec
2
3
4
124
µsec(min) to 374 µsec(max) after LOL
Minimum pulse width = 2
µs
During Start-up, The LOL Alarm will pulse
during the few seconds of operation
5
Loss of Reference Condition Alarm Timing
Figure 4
AlarmTiming Legend
Use for all alarm timing diagrams
Table 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com