Electronic Components Datasheet Search
  English  ▼

X  

MAX4121 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4121
Description  330MHz Buffered Video Switches/ Crosspoint Building Blocks
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4121 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4121 Datasheet HTML 1Page - Maxim Integrated Products MAX4121 Datasheet HTML 2Page - Maxim Integrated Products MAX4121 Datasheet HTML 3Page - Maxim Integrated Products MAX4121 Datasheet HTML 4Page - Maxim Integrated Products MAX4121 Datasheet HTML 5Page - Maxim Integrated Products MAX4121 Datasheet HTML 6Page - Maxim Integrated Products MAX4121 Datasheet HTML 7Page - Maxim Integrated Products MAX4121 Datasheet HTML 8Page - Maxim Integrated Products MAX4121 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
330MHz Buffered Video Switches/
Crosspoint Building Blocks
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VS = ±5V, -2.5V ≤ VIN ≤ +2.5V, RL = 5kΩ, CL ≤ 5pF, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltages
VCC ....................................................................................+6V
VEE ......................................................................................-6V
VCC-VEE ...........................................................................+12V
Analog Input Voltage .......................(VEE - 0.3V) to (VCC + 0.3V)
Digital Input Voltage ...................................-0.3V to (VCC + 0.3V)
Duration of Short Circuit to Ground............................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ...696mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VS = ±4.5V to ±5.5V
VS = ±4.5V to ±5.5V
Channel selected
VOUT = 0V
f = DC to 50MHz
VIN = ±2.5V
V
VS = ±4.5V to ±5.5V
VS = ±4.5V to ±5.5V
Channel disabled
TA = TMIN to TMAX
Channel selected
VIN = 0V
Per channel
TA = +25°C
VS = ±4.5V to ±5.5V
VIN = 0V, channel enabled or disabled
CONDITIONS
V
0.8
VINL
Logic Input Low Voltage
V
2.0
VINH
Logic Input High Voltage
pF
5
COUT(OFF)
Disabled Output Capacitance
M
Ω
30
ROUT(OFF)
Disabled Output Resistance
nA
10
IOUT(OFF)
Disabled Output Current
Ω
20
ROUT
Output Resistance
V/V
0.97
1.0
AV
Voltage Gain
0.98
1.0
TA = +25°C
dB
50
PSRR
Power-Supply Rejection Ratio
TA = TMIN to TMAX
µA
mV
±15
VOS
Output Offset Voltage
±5
±10
10
IINL
pF
CIN
Input Capacitance
4.0
5.5
TA = +25°C
TA = TMIN to TMAX
±4.5
±5.0
±5.5
VS
3
Operating Supply Voltage
Logic Input Low Current
µA
M
Ω
100
RIN
Input Resistance
0.4
10
IINH
µA
±0.02
IB
Input Bias Current
6.5
150
200
V
±2.5
VIN
Input Voltage Range
±2.5
±4.0
Channel disabled
Logic Input High Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mA
ICC, IEE
Operating Supply Current
MAX4111/MAX4121
µA
250
350
ICC, IEE
Disabled Supply Current
DC PARAMETERS
MAX4221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com