Electronic Components Datasheet Search
  English  ▼

X  

MAX4123C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4123C/D
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4123C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4123C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4123C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
______________________________________________________________________________________
15
__________________________________________________________Chip Topographies
OUT2
IN2-
IN2+
0.066"
(1.676mm)
0.053"
(1.346mm)
VCC SHDN1
SHDN2
VEE
VCC
OUT1
VCC
IN1-
IN1+
VEE
SHDN
VCC
0.055"
(1.397mm)
0.036"
(0.914mm)
OUT
VEE
IN-
iN+
VEE
TRANSISTOR COUNT: 170
SUBSTRATE CONNECTED TO VEE
TRANSISTOR COUNT: 340
SUBSTRATE CONNECTED TO VEE
MAX4123/
MAX4125
MAX4127/
MAX4128
PART
MAX4124EUK
MAX4125ESA -40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 SO
MARKING
INFO.
AABA
—
MAX4125EUA
MAX4126ESA
MAX4126EUA -40°C to +85°C
-40°C to +85°C
-40°C to +85°C
8 µMAX
8 SO
8 µMAX
—
—
—
MAX4127C/D
MAX4127ESD
MAX4128ESA -40°C to +85°C
-40°C to +85°C
0°C to +70°C
Dice*
14 SO
8 SO
—
—
—
MAX4128EUA
MAX4129ESD -40°C to +85°C
-40°C to +85°C
8 µMAX
14 SO
—
—
Ordering Information (continued)
*Dice are specified at TA = +25°C, DC parameters only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com