Electronic Components Datasheet Search
  English  ▼

X  

MAX4131ESA Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4131ESA
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131ESA Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4131ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4131ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
______________________________________________________________________________________
15
________________________________________________________Package Information
L
DIM
A
A1
A2
b
C
D
E
E1
L
e
e1
α
MIN
0.90
0.00
0.90
0.35
0.08
2.80
2.60
1.50
0.35
0°
MAX
1.45
0.15
1.30
0.50
0.20
3.00
3.00
1.75
0.55
10°
MILLIMETERS
α
5-PIN SOT23-5
SMALL-OUTLINE
TRANSISTOR PACKAGE
D
e1
A A2
A1
C
b
e
E1
21-0057B
E
0.95ref
1.90ref
L
α
C
A1
B
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.036
0.004
0.010
0.005
0.116
0.116
0.188
0.016
0°
MAX
0.044
0.008
0.014
0.007
0.120
0.120
0.198
0.026
6°
MIN
0.91
0.10
0.25
0.13
2.95
2.95
4.78
0.41
0°
MAX
1.11
0.20
0.36
0.18
3.05
3.05
5.03
0.66
6°
INCHES
MILLIMETERS
8-PIN
µMAX
MICROMAX SMALL-OUTLINE
PACKAGE
0.65
0.0256
A
e
E
H
D
0.101mm
0.004 in
21-0036D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com