Electronic Components Datasheet Search
  English  ▼

X  

U10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U10
Description  USB Network Interface ??TP/FT-10 Channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U10 Datasheet HTML 1Page - List of Unclassifed Manufacturers U10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U10/U20USBNetworkInterface
Models75010,75020-1,75020-2,75010R,and75021R
Description
The U10 and U20 USB Network Interfaces are low-cost,
high-performance LONWORKS interfaces for USB-enabled
PCs. The U10 USB Network Interface connects to a TP/FT-10
Free Topology Twisted Pair (ANSI/CEA-709.3) LONWORKS
channel through a removable connector, and is fully compati-
ble with link powered channels. The U20 USB Network
Interface connects to a PL-20 Power Line (ANSI/CEA-709.2)
LONWORKS channel through a wall plug coupling circuit/
power supply (included). The U20 interface may also be
connected directly to 10.8-18VDC power lines without a cou-
pling circuit, or to virtually any powered line with a customer-
supplied coupling circuit/power supply.
The U10 and U20 interfaces are ideal for industrial control,
building automation, process control, home automation, and
transportation applications. The interfaces feature easy-to-
install, auto-configuring drivers for Microsoft Windows XP,
2000, and Server 2003, and are compatible with LNS 3 and
Turbo Edition applications, including the LonMaker®
Integration Tool. When used with LNS 3 or LNS Turbo
Edition, the U10 and U20 interfaces function as LNS High
Performance Network Interfaces—you get the highest possible
performance at the lowest cost in the market. Apart from the
superior performance when used with LNS, the U10 and U20
interfaces are compatible with OpenLDV based applications,
as well as the LonScanner Protocol Analyzer.
Models 75010R, 75110R, and 75021R are compliant with
the European Directive 2002/95/EC on the restriction of the
use of certain hazardous substances (RoHS) in electrical and
electronic equipment.
The U10 and U20 interfaces are certified USB 2.0 compati-
ble by the USB Implementers Forum. In addition, the U10
and U20 interfaces carry the Designed for Windows XP logo
compatibility certification.
A 60cm USB extension cable is included with both the U10
and U20 interfaces, to allow for easy connection in various
laptop and desktop environments. An optional 3 meter cable
accessory is available for the U10; this cable accessory allows
easy network connection between the U10 and LonPoint®
Routers, the MPR-50 Multi-Port Router, and the numerous
third-party devices that implement the 3.5mm mono phone
plug standard.
Installation software and a user’s guide are included on the
CD-ROM, and may also be downloaded from Echelon’s Web
site.
M
Low-cost USB to LONWORKS® (ANSI/CEA-709.1)
network interface
M
Free topology twisted pair (TP/FT-10) and power line
(PL-20 C-Band) LONWORKS channel support
M
Highest possible network throughput and performance
M
Rugged design, removable connectors
M
Plug-and-play drivers for Windows XP, 2000, and
Server 2003
M
Functions as an LNS® High Performance Network
Interface when used with LNS 3 and LNS Turbo Edition
M
Compatible with OpenLDV™ applications and the
LonScanner™ Protocol Analyzer
M
CE, UL, cUL, and TÜV
U20 USB Network Interface – PL-20 Channel
U10 USB Network Interface – TP/FT-10 Channel
Specifications
Transceiver
U10 Interface: TP/FT-10 (ANSI/CEA-709.3 and LONMARK standard channel type);
link power compatible.
U20 Interface: PL-20 (ANSI/CEA-709.2 and LONMARK standard channel type);
EN50065.1 C-Band protocol software configurable.


Similar Part No. - U10

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10 AMPHENOLCS-U10 Datasheet
350Kb / 3P
PROVEN, HIGH SPEED, NEXT-GENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
DC/DC MODULES
More results

Similar Description - U10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
Serial Network Interface
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
Network Interface Device
logo
ASIX Electronics Corpor...
AX88179 ASIX-AX88179 Datasheet
271Kb / 2P
USB 3.0 tp 10/100/1000M Gigabit Ethernet Controller
logo
List of Unclassifed Man...
U20 ETC2-U20 Datasheet
206Kb / 2P
USB Network Interface ??PL-20 Channel
U60 ETC2-U60 Datasheet
872Kb / 2P
IzoTTM U60 FT Network Interface Module
PYXOS-FT ETC2-PYXOS-FT Datasheet
1Mb / 7P
Pyxos??FT Network Chip
75010 ETC-75010 Datasheet
202Kb / 2P
U10/U20 USB Network Interface
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
Network Interface
DS-20001 rev 09/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com