Electronic Components Datasheet Search
  English  ▼

X  

U20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # U20
Description  USB Network Interface ??PL-20 Channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  U20 Datasheet HTML 1Page - List of Unclassifed Manufacturers U20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www .echelon.com
Copyright © 2005-2006, Echelon Corporation. Echelon, LON, LONWORKS, LONMARK, LonBuilder, NodeBuilder, LonManager, LonTalk, LonUsers, LonPoint, Digital Home, Neuron, 3120, 3150, LNS,
i.LON, LONWORLD, ShortStack,
LonMaker, Panoramix, Panoramix Powered by Echelon, the Echelon logo, and the LonUsers logo are trademarks of Echelon Corporation registered in the United States and other countries. LonLink, LonResponse, LonSupport,
LONews, Open Systems Alliance, OpenLDV, Powered by Echelon, LNS Powered by Echelon, LONWORKS Powered by Echelon, Networked Energy Services Powered by Echelon, NES Powered by Echelon, and Digital Home
Powered by Echelon are trademarks of Echelon Corporation. Other trademarks belong to their respective holders.
Disclaimer
Neuron Chips, Free Topology Twisted Pair Transceiver Modules, and other OEM Products were not designed for use in equipment or systems which involve danger to human health or safety or a risk of property damage and Echelon
assumes no responsibility or liability for use of the Neuron Chips or Free Topology Twisted Pair Transceiver Modules in such applications. ECHELON MAKES AND YOU RECEIVE NO WARRANTIES OR CONDITIONS, EXPRESS,
IMPLIED, STATUTORY OR IN ANY COMMUNICATION WITH YOU, AND ECHELON SPECIFICALLY DISCLAIMS ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE.
003-0398-01C
Network Connector
U10 Interface: Removable spring clamp and screw terminal connectors included.
U20 Interface: 2.1mm barrel connector with positive tip. Wall plug coupling
circuit/power supply included. May be connected directly to 10.8-18VDC power line,
or to customer-supplied coupling circuit/power supply.
Optional Cable Assembly (U10 Interface)
3 meter cable with 3.5mm mono phone plug and spring clamp connector
Operating Input Voltage (U20 Interface)
10.8-18VDC at 2.1mm barrel connector; powered line voltage varies with application
Operating Input Current (U20 Interface)
250mA maximum @ 18VDC
Operating Input Current (USB)
50mA maximum @ 5VDC
USB Compatibility
Certified USB 2.0 compatible. Compatible with USB 1.1 and Hi-Speed USB systems,
peripherals and cables.
LED Indicators
Service (amber), Transmit (green), Receive (green)
Temperature
Operating
0 to +70°C
Non-operating
-20° to +85°C
Humidity
Operating (Non-condensing)
25 to 90% RH @ +50°C
Non-operating (Non-condensing)
95% RH @ +70°C
Shock and Vibration
ETSI300 019-2-3 T3.2
Dimensions
18.2mm high x 113.2mm long x 22.4mm wide
EMC
FCC Part 15 Level B, EN55022 Class B, EN55024, CISPR 22 Class B, VCCI Class B
Agency Listings
U.L. 60950, cU.L. C22.2 No. 60950-00, TÜV EN60950, CE, C-Tick
Documentation
The LONWORKS USB Network Interface User’s Guide and U10/U20 USB Network Interface Quick Start Guide are provided in PDF
format on the included CD-ROM. These guides are also available from www.echelon.com.
Document
Echelon Part Number
LONWORKS USB Network Interface User’s Guide
078-0296-01
U10/U20 USB Network Interface Quick Start Guide
078-0304-01
Ordering Information
Product
Echelon Model Number
U10 USB Network Interface – TP/FT-10 Channel
75010, 75010R
U10 Cable with Phone Plug (3m)
75110, 75110R
U20 USB Network Interface – PL-20 Channel (120V, US Plug)
75020-1
U20 USB Network Interface – PL-20 Channel (230V, Continental Europe Plug)
75020-2
U20 USB Network Interface – PL-20 Channel (90-240VAC, 50/60Hz power supply,
includes both US/Japan and Continental Europe Plugs)
75021R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com