Electronic Components Datasheet Search
  English  ▼

X  

MAX4119EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4119EEE
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4119EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4119EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
10
______________________________________________________________________________________
At low gains, G x RIN << RF. Therefore, the closed-loop
bandwidth is essentially independent of closed-loop
gain. Similarly, ZOL >> RF at low frequencies, so that:
Layout and Power-Supply Bypassing
The MAX4112/MAX4113/MAX4117–MAX4120 have an
RF bandwidth and consequently require careful board
layout, including the possible use of constant-impedance
microstrip or stripline techniques.
To realize the full AC performance of these high-speed
amplifiers, pay careful attention to power-supply
bypassing and board layout. The PC board should
have at least two layers: a signal and power layer on
one side, and a large, low-impedance ground plane on
the other side. The ground plane should be as free of
voids as possible. With multilayer boards, locate the
ground plane on a layer that incorporates no signal or
power traces.
Regardless of whether a constant-impedance board is
used, observe the following guidelines when designing
the board. Wire-wrapped boards are much too induc-
tive, and breadboards are much too capacitive; neither
should be used. IC sockets increase parasitic capaci-
tance and inductance, and should not be used. In gen-
eral, surface-mount components give better high-
frequency performance than through-hole components.
They have shorter leads and lower parasitic reac-
tances. Keep lines as short and as straight as possible.
Do not make 90° turns; round all corners.
Observe high-frequency bypassing techniques to
maintain the amplifier’s accuracy. The bypass capaci-
tors should include a 1000pF ceramic capacitor
between each supply pin and the ground plane, locat-
ed as close to the package as possible. Next, place a
0.01µF to 0.1µF ceramic capacitor in parallel with each
1000pF capacitor, and as close to them as possible.
Then place a 10µF to 15µF low-ESR tantalum at the
point of entry (to the PC board) of the power-supply
pins. The power-supply trace should lead directly from
the tantalum capacitor to the VCC and VEE pins. To
minimize parasitic inductance, keep PC traces short
and use surface-mount components.
V
V
G
1
R / R
OUT
IN
F
G
=
=
+
(
)
VOUT
RG
VOUT = -(RF/RG) x VIN
VIN
RF
RO
RS
RT
MAX4112
MAX4113
MAX4117
MAX4118
MAX4119
MAX4120
Figure 2a. Inverting Gain Configuration
VOUT
VIN
RG
VOUT = [1+ (RF/RG)] x VIN
RF
RO
RT
MAX4112
MAX4113
MAX4117
MAX4118
MAX4119
MAX4120
Figure 2b. Noninverting Gain Configuration
100
49.9
400
49.9
600
600
100
0.1dB Gain Flatness (MHz)
49.9
RT (Ω)
400
-3dB Small-Signal Bandwidth (MHz)
AVCL = +2
100
49.9
270
49.9
500
500
49.9
RO (Ω)
600
RG (Ω)
115
600
RF (Ω)
49.9
300
49.9
47
330
115
49.9
270
115
49.9
300
49.9
47
330
49.9
69
500
AVCL = +8
MAX4117
MAX4119
MAX4112
MAX4118
MAX4120
MAX4113
Table 1. Recommended Component Values
280
280
Large-Signal Bandwidth (MHz)
145
240
240
240
COMPONENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com