Electronic Components Datasheet Search
  English  ▼

X  

MAX4147 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4147
Description  300MHz, Low-Power, High-Output-Current, Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4147 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4147 Datasheet HTML 1Page - Maxim Integrated Products MAX4147 Datasheet HTML 2Page - Maxim Integrated Products MAX4147 Datasheet HTML 3Page - Maxim Integrated Products MAX4147 Datasheet HTML 4Page - Maxim Integrated Products MAX4147 Datasheet HTML 5Page - Maxim Integrated Products MAX4147 Datasheet HTML 6Page - Maxim Integrated Products MAX4147 Datasheet HTML 7Page - Maxim Integrated Products MAX4147 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX4147 differential line driver offers high-speed
performance while consuming only 100mW of power.
Its amplifier has fully symmetrical inputs and outputs
and uses laser-trimmed, matched, thin-film resistors to
deliver 70dB CMR at 10MHz. Using current-feedback
techniques, the MAX4147 achieves a 300MHz band-
width and a 2000V/µs slew rate.
Optimized for differential, high-output-current applica-
tions such as transformer drivers, the MAX4147 drives
±2.6V into a 26.5
Ω load (single-ended) or ±5.6V into a
53
Ω load (differential). This device is preset for a
closed-loop gain of 2V/V. Its ultra-low 0.008%/0.03° dif-
ferential gain/phase allow for a variety of video and RF
signal-processing applications.
For power-sensitive applications, the MAX4147 has a
shutdown function that reduces supply current to less
than 1mA. In addition, superior SFDR (-82dBc at
10kHz, RL = 33
Ω) makes it ideal as a transformer driver
for HDSL applications.
For a complete differential transmission link, use the
MAX4147 with the MAX4144 line receiver (see the
MAX4144 data sheet for more information).
________________________Applications
VDSL, ADSL, HDSL
Video Twisted-Pair Driver
Differential Pulse Amplifier
Differential ADC Driver
____________________________Features
o 2V/V Fixed Gain
o 300MHz -3dB Bandwidth
o 2000V/µs Slew Rate
o 82dBc SFDR at 10kHz
o 70dB CMR at 10MHz
o Low Differential Gain/Phase: 0.008%/0.03°
o High Output Drive: ±5.6V into 53
Ω
o Low Power: 100mW
300MHz, Low-Power,
High-Output-Current, Differential Line Driver
________________________________________________________________
Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
OUT+
SENSE+
GND
SHDN
N.C.
IN+
VEE
TOP VIEW
MAX4147
SENSE-
OUT-
VCC
VEE
IN-
N.C.
SO
Rf
Rf
RG
__________________Pin Configuration
MAX4144
MAX4147
OUT
OUT+
OUT-
IN-
IN+
IN-
IN+
SENSE
SENSE+
SENSE-
Rt
Rt
Rt
Rt
VDSL
TRANSFORMER ISOLATION
________Typical Application Circuit
19-1106; Rev 1; 11/96
PART
MAX4147ESD
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
14 SO
EVALUATION
KIT
AVAILABLE
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX4147

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX41470 MAXIM-MAX41470 Datasheet
10Mb / 43P
Evaluates the MAX4147X Sub-1GHz ISM Receiver
Rev 1; 10/20
MAX41470EVKIT MAXIM-MAX41470EVKIT Datasheet
10Mb / 43P
Evaluates the MAX4147X Sub-1GHz ISM Receiver
Rev 1; 10/20
MAX41473 MAXIM-MAX41473 Datasheet
10Mb / 43P
Evaluates the MAX4147X Sub-1GHz ISM Receiver
Rev 1; 10/20
MAX41473 MAXIM-MAX41473 Datasheet
1Mb / 58P
290MHz to 960MHz ASK/FSK Receiver with I2C Interface
2021
MAX41473GTC+ MAXIM-MAX41473GTC+ Datasheet
1Mb / 58P
290MHz to 960MHz ASK/FSK Receiver with I2C Interface
2021
More results

Similar Description - MAX4147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Analog Devices
AD815 AD-AD815_05 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
High Output Current Differential Driver
REV. C
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
Low Power, High Output Current xDSL Line Driver
REV. C
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
Wideband, Differential, High Output Current Line Driver with Shutdown
4/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com