Electronic Components Datasheet Search
  English  ▼

X  

MAX4120EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4120EEE
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4120EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4120EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4120EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
_______________________________________________________________________________________
5
IN
OUT
GND
GND
MAX4112/MAX4117/MAX4119
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +10)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4112/MAX4117/MAX4119
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +2, CL = 10pF)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4113/MAX4118/MAX4120
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +8)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4113/MAX4118/MAX4120
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +20)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4113/MAX4118/MAX4120
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +20)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4113/MAX4118/MAX4120
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +8)
TIME (10ns/div)
30
20
10
0
2
4
6
8
10
MAX4112/MAX4117/MAX4119
SETTLING TIME vs. GAIN
GAIN (V/V)
-120
-110
-90
-100
-70
-80
-60
-50
-40
-20
-30
0.1
10
1
100
MAX4117–MAX4120
CROSSTALK vs. FREQUENCY
FREQUENCY (MHz)
40
35
30
25
20
15
10
8
16
24
32
40
48
56
MAX4113/MAX4118/MAX4120
SETTLING TIME vs. GAIN
GAIN (V/V)
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RF = 499Ω, RL = 100Ω, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com