Electronic Components Datasheet Search
  English  ▼

X  

MAX4113 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4113
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4113 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4113 Datasheet HTML 3Page - Maxim Integrated Products MAX4113 Datasheet HTML 4Page - Maxim Integrated Products MAX4113 Datasheet HTML 5Page - Maxim Integrated Products MAX4113 Datasheet HTML 6Page - Maxim Integrated Products MAX4113 Datasheet HTML 7Page - Maxim Integrated Products MAX4113 Datasheet HTML 8Page - Maxim Integrated Products MAX4113 Datasheet HTML 9Page - Maxim Integrated Products MAX4113 Datasheet HTML 10Page - Maxim Integrated Products MAX4113 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
_______________________________________________________________________________________
7
0
-100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MAX4113/MAX4118/MAX4120
5MHz HARMONIC DISTORTION
vs. OUTPUT SWING
-80
-20
OUTPUT VOLTAGE SWING (Vp-p)
-40
-60
-90
-70
-10
-30
-50
3rd
2nd
AVCL = +8
0
-100
0
600
1000
MAX4113/MAX4118/MAX4120
5MHz HARMONIC DISTORTION
vs. LOAD RESISTANCE
-80
-20
LOAD RESISTANCE (
Ω)
400
800
200
-40
-60
-90
-70
-10
-30
-50
3rd
2nd
AVCL = +8
VOUT = 2Vp-p
0
5
10
15
20
25
30
35
40
0.1
1
10
100
TWO-TONE THIRD-ORDER INTERCEPT
vs. FREQUENCY
FREQUENCY (MHz)
MAX4113/MAX4118/MAX4120
MAX4112/MAX4117/MAX4119
900
800
700
600
500
400
300
200
-75
-50
-25
0
25
50
75
100 125
OPEN-LOOP TRANSIMPEDANCE
vs. TEMPERATURE
TEMPERATURE (°C)
MAX4112/MAX4117/MAX4119
MAX4113/MAX4118/MAX4120
4.40
4.20
4.00
3.80
3.60
3.40
3.20
3.00
POSITIVE OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
RL = ∞
RL = 100Ω
-75
-50
-25
0
25
50
75
100 125
0.005
0.000
-0.005
-0.010
-0.015
-0.020
-0.025
0
IRE
IRE
RL = 150Ω
RL = 150Ω
100
0.00
0.01
0.02
0.03
0.04
-0.01
0
100
MAX4112/MAX4117/MAX4119
DIFFERENTIAL GAIN and PHASE
MAX4113/MAX4118/MAX4120
DIFFERENTIAL GAIN and PHASE
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0
IRE
IRE
100
0.00
0.02
0.04
-0.06
-0.04
-0.02
0
100
RL = 150Ω
RL = 150Ω
-4.40
-4.20
-4.00
-3.80
-3.60
-3.40
-3.20
-3.00
NEGATIVE OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
RL = 100Ω
RL = ∞
-75
-50
-25
0
25
50
75
100 125
-2.00
-2.50
-3.00
-3.50
-4.00
-4.50
-5.00
POSITIVE INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-75
-50
-25
0
25
50
75
100 125
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RF = 499Ω, RL = 100Ω, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com