Electronic Components Datasheet Search
  English  ▼

X  

MAX4145EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4145EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4145EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4145EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
12
______________________________________________________________________________________
Figure 2 shows the connection for RG. RG might simply
be a resistor, or it can be a complex pole-zero pair for
filter and shaping applications (Figure 9). Use surface-
mount gain-setting components to ensure stability.
Using REF and SENSE
The MAX4144/MAX4145/MAX4146 have a REF pin (nor-
mally connected to ground) and a SENSE pin (normally
connected to OUT). In some long-line applications, it
may be desirable to connect SENSE and OUT together
at the load, instead of the typical connection at the part
(Figure 3). This compensates for the long line’s resis-
tance, which otherwise leads to an IR voltage error.
When using this technique, keep the sense lines’
impedance low to minimize gain errors. Also, keep
capacitance low to maximize frequency response. The
gain of the MAX4144/MAX4145/MAX4146 output stage
is approximated by the following equation:
where
∆RSENSE and ∆RREF are the SENSE and REF
trace impedances, respectively. R is 700
Ω for the
MAX4144 and MAX4145, and 100
Ω for the MAX4146.
Additionally, mismatches in the SENSE and REF traces
lead to common-mode gain errors. Common-mode
gain is approximated by the following equation:
Substituting numbers for
∆RREF and ∆RSENSE into this
equation, we can see that if changes in
∆RREF and
∆RSENSE are equal, CMR is not degraded.
Driving Capacitive Loads
The MAX4144/MAX4145/MAX4146 provide maximum
AC performance when not driving an output load
capacitance. This is the case when driving a correctly
terminated transmission line (i.e., a back-terminated
cable). In most amplifier circuits, driving large load
capacitance increases the chance of oscillations. The
amplifier’s output impedance and the load capacitor
combine to add a pole and excess phase to the loop
response. If the pole’s frequency is low enough and
phase margin is degraded sufficiently, oscillations may
occur. A second concern when driving capacitive
loads results from the amplifier’s output impedance,
A
=
R
-
R
R + 700
VCM
REF
SENSE
∆
∆
Ω
700
R
R
700
R
REF
REF
Ω
∆
Ω
∆
+
+
+
+
A =
1
2
700
R
R
1
700
R
R
700
R
V
SENSE
REF
REF
Ω
∆
Ω
∆
Ω
∆
+
+
+
+
+


G = A = 1 +
1.4k
R
(MAX4145)
G = A = 10 +
14k
R
(MAX4146)
V
G
V
G
Ω
Ω
100k
1M
10M
100M
1G
-3
-4
-5
-2
FREQUENCY (Hz)
-1
0
1
2
3
4
5
CL = 10pF
CL = 5pF
CL = 15pF
Figure 4. MAX4144 Small-Signal Response with Capacitive
Load
SENSE
OUT
REF
RL
MAX4144
MAX4145
MAX4146
Figure 3. Connection of SENSE and REF to a Remote Load
IN-
RG
IN+
MAX4145
MAX4146
Figure 2. Connection of RG in MAX4146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com