Electronic Components Datasheet Search
  English  ▼

X  

MAX4162ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4162ESA
Description  SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4162ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4162ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SOT23, Micropower, Single-Supply,
Rail-to-Rail I/O Op Amps
8
_______________________________________________________________________________________
IN
(2V/
div)
OUT
(2V/
div)
NONINVERTING
LARGE-SIGNAL PULSE RESPONSE
(VDD = 5V, CL = 0pF)
MAX4162-31
TIME (100
µs/div)
VDD = 5V, VIN = 4V, RL = 100kΩ to VDD / 2,
CL = 0pF
____________________________Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0V, VCM = VDD / 2, TA = +25°C, unless otherwise noted.)
IN
(50mV/
div)
OUT
(50mV/
div)
NONINVERTING
SMALL-SIGNAL PULSE RESPONSE
(VDD = 5V, CL = 1500pF)
MAX4162-28
TIME (100
µs)
VDD = 5V, VIN = 100mV, RL = 100kΩ to VDD / 2,
CL = 1500pF
IN
(1V/
div)
OUT
(1V/
div)
NONINVERTING
LARGE-SIGNAL PULSE RESPONSE
(VDD = 3V, CL = 0pF)
MAX4162-29
TIME (100
µs/div)
VDD = 3V, VIN = 2V, RL = 100kΩ to VDD / 2,
CL = 0pF
IN
(1V/
div)
OUT
(1V/
div)
NONINVERTING
LARGE-SIGNAL PULSE RESPONSE
(VDD = 3V, CL = 1500pF)
MAX4162-30
TIME (100
µs/div)
VDD = 3V, VIN = 2V, RL = 100kΩ to VDD / 2,
CL = 1500pF
IN
(50mV/
div)
OUT
(50mV/
div)
NONINVERTING
SMALL-SIGNAL PULSE RESPONSE
(VDD = 5V, CL = 0pF)
MAX4162-27
TIME (100
µs/div)
VDD = 5V, VIN = 100mV, RL = 100kΩ to VDD / 2,
CL = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com