Electronic Components Datasheet Search
  English  ▼

X  

BAT54C2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BAT54C2
Description  0.2A surface mount Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAT54C2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAT54C2 Datasheet HTML 1Page - Cystech Electonics Corp. BAT54C2 Datasheet HTML 2Page - Cystech Electonics Corp. BAT54C2 Datasheet HTML 3Page - Cystech Electonics Corp. BAT54C2 Datasheet HTML 4Page - Cystech Electonics Corp. BAT54C2 Datasheet HTML 5Page - Cystech Electonics Corp. BAT54C2 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C302C2
Issued Date : 2014.06.30
Revised Date : 2015.01.07
Page No. : 2/6
BAT54C2
CYStek Product Specification
Absolute Maximum Ratings (TA=25℃, unless otherwise noted)
Parameters
Conditions
Symbol
Value
Units
Repetitive peak reverse voltage
VRRM
30
RMS voltage
VRMS
21
Continuous reverse voltage
VR
30
V
Forward rectified current
IF
0.2
Repetitive Peak Forward Current
IFM
0.3
Non-repetitive Peak Forward Current
IFSM
0.6
A
Total Device Dissipation
TA=25°C
(Note)
PD
200
mW
Thermal resistance
Junction to Ambient (Note)
RθJA
625
°C/W
Storage temperature range
Tstg
-65 ~ +175
°C
Operating junction temperature range
Tj
-65 ~ +150
°C
Note : When device mounted on FR-5 PCB with minimum pad.
Characteristics (TA=25°C)
Characteristic
Symbol
Condition
Min.
Typ
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100μA
30
-
-
V
VF 1
IF=0.1mA
-
-
240
VF 2
IF=1mA
-
-
320
VF 3
IF=10mA
-
-
400
VF 4
IF=30mA
-
-
500
Forward Voltage
VF 5
IF=100mA
-
-
800
mV
Reverse Leakage Current (Note 2)
IR
VR=30V
-
-
2
μA
Diode Capacitance
CD
VR=1V, f=1MHz
-
-
10
pF
Reverse Recovery Time
trr
IF=IR=10mA RL=100
Ω
measured at IR=1mA
-
-
5
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com