Electronic Components Datasheet Search
  English  ▼

X  

MAX4178EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4178EPA
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4178EPA Datasheet HTML 1Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 2Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 3Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 4Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 5Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 6Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 7Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 8Page - Maxim Integrated Products MAX4178EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VOUT = 0V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
Input Voltage....................................(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration (to GND) .....................Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ...........727mW
SO (derate 5.88mW/°C above +70°C) ........................471mW
µMAX (derate 4.10mW/°C above +70°C) ...................330mW
CERDIP (derate 8.00mW/°C above +70°C) ................640mW
SOT23 (derate 7.10mW/°C above +70°C) ..................571mW
Operating Temperature Ranges (Note 1)
MAX4178E_A/MAX4278E_A ...........................-40°C to +85°C
MAX4178EUK/MAX4278EUK .........................-40°C to +85°C
MAX4178MJA/MAX4278MJA .......................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4178
±2.5
±3.0
MAX4278
V
±1.25
±1.5
VIN
Input Voltage Range
0.5
2.0
µV/°C
2
TCVOS
Input Offset Voltage Drift
1
3
µA
IB
Input Bias Current
M
Ω
1
RIN
Input Resistance
VS = ±4.5V to ±5.5V
dB
70
90
PSRR
Power-Supply Rejection
Ratio
0.990
1.000
MAX4178 (Note 2)
0.985
1.000
1.98
2.01
MAX4278 (Note 3)
V/V
1.97
2.01
AV
Voltage Gain
VOUT = ±1mV to ±2V
%
0.01
AV(LIN)
Gain Linearity
f = DC
Ω
0.1
ROUT
Output Resistance
Short to GND
mA
150
ISC
Short-Circuit Output Current
RL = 100Ω
±2.5
±3.0
TA = +25°C
RL = 100Ω
RL = 50Ω
RL = 100Ω
RL = 50Ω
RL = 50Ω
V
±2.0
±2.5
VOUT
Output Voltage Swing
TA = +25°C
8
10
12
mA
14
TA = TMIN to TMAX
ISY
Quiescent Supply Current
MAX4_78E_ _
MAX4_78MJA
TA = -40°C to +85°C
mA
70
100
IOUT
Minimum Output Current
3.0
TA = TMIN to TMAX
5
Note 2: Voltage Gain = (VOUT - VOS) / VIN measured at VIN = ±2.5V.
Note 3: Voltage Gain = (VOUT - VOS) / VIN measured at VIN = ±1.25V.
TA = +25°C
0.5
3.0
TA =
TMIN to TMAX
5.0
mV
VOS
Input Offset Voltage
MAX4_78ESA/EPA/EUA/MJA
MAX4_78EUK
MAX4_78ESA/EPA/EUA/MJA
MAX4_78EUK
Note 1: Specifications for the MAX4_78EUK(SOT23 packages) are 100% tested at TA = +25°C, and guaranteed by design over
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com