Electronic Components Datasheet Search
  English  ▼

X  

MB1ST05 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MB1ST05
Description  Miniature Glass Passivated Single Phase Surface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MB1ST05 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MB1ST05 Datasheet HTML 1Page - Cystech Electonics Corp. MB1ST05 Datasheet HTML 2Page - Cystech Electonics Corp. MB1ST05 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C769HT
Issued Date : 2014.04.29
Revised Date : 2014.06.06
Page No. : 1/ 3
MB05ST05 thru MB10ST05
CYStek Product Specification
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 50 to 1000 Volts
Forward Current 0.5 Ampere
MB05ST05 thru MB10ST05
MBST
Equivalent Circuit
Features
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Save space on printed circuit boards
• Glass passivated chip junction
• High surge overload rating: 30A peak
Mechanical Data
• Case: Molded plastic body over passivated junctions
• Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026
• High temperature soldering guaranteed : 260°C/10 seconds, 0.375”(9.5mm) lead length, 5lbs(2.3kg) tension
• Mounting position: Any.
• Weight: 0.22gram, 0.078 oz.
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified.)
Type
Parameter
Symbol MB05S
T05
MB1S
T05
MB2S
T05
MB4S
T05
MB6S
T05
MB8S
T05
MB10S
T05
Units
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum instantaneous forward
voltage drop per leg at 0.4A
VF
1
V
Maximum average forward output rectified
current @Ta=40°C
IF(AV)
0.5
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method)
IFSM
30
A
TA=25°C
Maximum DC reverse current at
rated DC blocking voltage per leg
TA=100°C
IR
5
500
μA
Typical thermal resistance per leg
RθJA
RθJL
RθJC
75
20
24
°C /W
Typical diode junction capacitance @f=1MHz
and applied 4V reverse voltage
CJ
25
pF
Operating junction and storage temperature
range
TJ ;Tstg
-55 ~ +150
°C


Similar Part No. - MB1ST05

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MB1ST08 CYSTEKEC-MB1ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase
More results

Similar Description - MB1ST05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF10S-E3 VISHAY-DF10S-E3 Datasheet
85Kb / 4P
Miniature Glass Passivated Single-Phase
19-Aug-13
logo
Guangdong Juxing Electr...
UMB05F JUXING-UMB05F Datasheet
987Kb / 3P
Ultra Miniature Glass Passivated Single-Phase
logo
Cystech Electonics Corp...
MB1ST08 CYSTEKEC-MB1ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase
MB2ST05 CYSTEKEC-MB2ST05 Datasheet
272Kb / 3P
Miniature Glass Passivated Single Phase
MB2ST08 CYSTEKEC-MB2ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase
logo
Semtech Corporation
DF005M SEMTECH-DF005M Datasheet
155Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE - PHASE - RECTIFIER
logo
Surge Components
MB2M SURGE-MB2M Datasheet
400Kb / 2P
Miniature Glass Passivated Single-phase Rectifers
logo
Shanghai Leiditech Elec...
UMB05F LEIDITECH-UMB05F Datasheet
908Kb / 3P
Ultra Miniature Glass Passivated Single-Phase
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com